Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 7Page - STMicroelectronics SPEAR600 Datasheet HTML 8Page - STMicroelectronics SPEAR600 Datasheet HTML 9Page - STMicroelectronics SPEAR600 Datasheet HTML 10Page - STMicroelectronics SPEAR600 Datasheet HTML 11Page - STMicroelectronics SPEAR600 Datasheet HTML 12Page - STMicroelectronics SPEAR600 Datasheet HTML 13Page - STMicroelectronics SPEAR600 Datasheet HTML 14Page - STMicroelectronics SPEAR600 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
SPEAr600
Architecture overview
Doc ID 16259 Rev 3
11/97
2
Architecture overview
Figure 2. shows an example of a typical SPEAr600 based system.
Figure 2.
Typical system architecture using SPEAr600
The core of the SPEAr600 is the dual ARM926EJ-S reduced instruction set computer
(RISC) processor.
It supports the 32-bit ARM and 16-bit Thumb instruction sets, enabling the user to trade off
between high performance and high code density and includes features for efficient
execution of Java byte codes.
Each ARM CPU:
Is clocked at a frequency up to 333 MHz
Embeds 16 Kbytes instruction cache + 16 Kbytes data cache
Features a memory management unit (MMU) which makes it fully compliant with Linux
and VxWorks operating systems.
The SoC includes three major subsystems logic domains which control the following
function blocks:
Configurable Cell Array Subsystem
This block contains the Reconfigurable Array Subsystem logic (RAS) made by an array of
600Kgate equivalent standard cells freely customizable by means of a few metal and via
mask layer changes during the customization process. The programmable logic allows
reducing the SoC NRE cost, the development cycle time improving the devices time to
Clock, Reset
32 kHz
30 MHz
RTC
8-Channel DMA
10 Timers / WD
8 KB Embed. SRAM
32 KB Embed. ROM
ADC
TouchScreen
TouchScreen
ARM 926EJ
up to 333 MHz
MMU
Interrupt/
Syst controller
DDR
memory
controller
DDR2
DDR2
DDR1
DDR1
FSMC
EEPROM
EEPROM
SMI
FLASH
FLASH
Debug, Trace
Debug, Trace
JTAG
ETM9
LCD
controller
USB2.0 PHY
device
USB2.0 PHY
device
I2C
Internet
Access
Phy
FIdDA
3xSSP
Uart2
Uart1
USB2.0 PHY
Host
USB2.0 PHY
Host
USB2.0 PHY
Host
USB2.0 PHY
Host
ARM 926EJ
up to 333 MHz
MMU
Interrupt/
Syst controller
3xI2S
EXPI I/f
NAND Flash
NAND Flash
SPEAr600
RAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com