Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 24Page - STMicroelectronics SPEAR600 Datasheet HTML 25Page - STMicroelectronics SPEAR600 Datasheet HTML 26Page - STMicroelectronics SPEAR600 Datasheet HTML 27Page - STMicroelectronics SPEAR600 Datasheet HTML 28Page - STMicroelectronics SPEAR600 Datasheet HTML 29Page - STMicroelectronics SPEAR600 Datasheet HTML 30Page - STMicroelectronics SPEAR600 Datasheet HTML 31Page - STMicroelectronics SPEAR600 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
Pin description
SPEAr600
28/97
Doc ID 16259 Rev 3
SSP
SSP_1_MOSI
AA21
I/O
Master out
slave in
TTL bidir
buffer, 3.3 V
capable,
8 mA,
3.3 V tolerant,
PU(1)
SSP_1_MISO
AB21
Master in slave
out
SSP_1_SCLK
AB22
Serial clock
SSP_1_SS
AA22
Slave select
SSP_2_MOSI
K20
Master out
slave in
SSP_2_MISO
K21
Master in slave
out
SSP_2_SCLK
K22
Serial clock
SSP_2_SS_0
K19
Slave select
SSP_3_MOSI
J20
Master out
slave in
SSP_3_MISO
J21
Master in slave
out
SSP_3_SCLK
J22
Serial clock
SSP_3_SS
J19
Slave select
UART
UART1_TXD
AA19
Output
Serial data out
TTL output
buffer, 3.3 V
capable, 4 mA
UART2_TXD
AA20
UART1_RXD
AB19
Input
Serial data in
TTL input
buffer, 3.3 V
tolerant, PD
UART2_RXD
AB20
FIRDA
FIRDA_TXD
AA18
Output
Serial data out
TTL output
buffer, 3.3 V
capable, 4mA
FIRDA_RXD
AB18
Input
Serial data in
TTL input
buffer, 3.3 V
tolerant, PU
I2C
SDA
Y18
I/O
Serial data
in/out
TTL bidir
buffer, 3.3V
capable, 4 mA,
3.3 V tolerant,
PU
SCL
Y19
I/O
Serial clock
1.
When the pin is not driven, the output voltage is 2.5 V, On the core side, logic ‘1’ state is guaranteed.
Table 5.
SMI, SSP, UART, FIRDA and I2C pins (continued)
Group
Signal name
Ball
Direction
Function
Pin type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com