Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 1 Page - STMicroelectronics

  SPEAR600 Datasheet HTML 1Page - STMicroelectronics SPEAR600 Datasheet HTML 2Page - STMicroelectronics SPEAR600 Datasheet HTML 3Page - STMicroelectronics SPEAR600 Datasheet HTML 4Page - STMicroelectronics SPEAR600 Datasheet HTML 5Page - STMicroelectronics SPEAR600 Datasheet HTML 6Page - STMicroelectronics SPEAR600 Datasheet HTML 7Page - STMicroelectronics SPEAR600 Datasheet HTML 8Page - STMicroelectronics SPEAR600 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 97 page
background image
This is information on a product in full production.
May 2012
Doc ID 16259 Rev 3
1/97
1
SPEAr600
Embedded MPU with dual ARM926 core, flexible memory support,
powerful connectivity features and programmable LCD interface
Datasheet
production data
Features
Dual ARM926EJ-S core up to 333 MHz:
– Each with 16 Kbytes instruction cache + 16
Kbytes data cache
High performance 8-channel DMA
Dynamic power saving features
Up to 733 DMIPS
Memory:
– External DRAM interface: 8/16-bit DDR1-
333 / DDR2 - 666
– 32 Kbytes BootROM / 8 Kbytes internal
SRAM
– Flexible static memory controller (FSMC)
supporting parallel NAND Flash memory
interface, ONFI 1.0 support, internal 1-bit
ECC or external 4-bit ECC
– Serial NOR Flash Memory interface
Connectivity:
– 2 x USB 2.0 Host
– USB 2.0 Device
– Giga Ethernet (GMII port)
–I2C and fast IrDA interfaces
– 3 x SSP Synchronous serial peripheral
(SPI, Microwire or TI protocol) ports
– 2 x UART interfaces
Peripherals supported:
– TFT/STN LCD controller (resolution up to
1024 x 768 and colors up to 24 bpp)
– Touchscreen support
Miscellaneous functions
– Integrated real-time clock, watchdog, and
system controller
– 8-channel 10-bit ADC, 1 Msps
– JPEG codec accelerator
– 10 GPIO bidirectional signals with interrupt
capability
– 10 independent 16-bit timers with
programmable prescaler
32-bit width External local bus (EXPI interface).
3 x I2S interfaces for audio features:
– One stereo input and two stereo outputs
(audio 3.1 configuration capable)
Customizable logic with 600 Kgate standard
cell array
Software:
– System compliant with all operating
systems (including Linux)
Applications
The SPEAr® embedded MPU family targets
networked devices used for communication,
display and control. This includes diverse
consumer, business, industrial and life science
applications such as:
– IP phones, thin client computers, printers,
programmable logic controllers, PC
docking stations,
– Medical lab/diagnostics equipment,
wireless access devices, home appliances,
residential control and security systems,
digital picture frames, and bar-code
scanners/readers.
Table 1.
Device summary
Order code
Temp.
range
Package
Packing
SPEAR600-2 -40 to 85 °C
PBGA420
(23 x 23 x
2.06 mm)
Tray
PBGA420 (23 x 23 x 2.06 mm)
www.st.com


Similar Part No. - SPEAR600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPEAR-07-NC03 STMICROELECTRONICS-SPEAR-07-NC03 Datasheet
1Mb / 194P
Ethernet Communication Controller with USB-Host
03-May-2006
SPEAR-09-B042 STMICROELECTRONICS-SPEAR-09-B042 Datasheet
921Kb / 66P
SPEAr짰 BASIC ARM 926EJ-S core, customizable logic, large IP portfolio SoC
20-May-2008
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022 Datasheet
702Kb / 55P
SPEAr Head ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
01-Dec-2005
SPEAR-09-H022 STMICROELECTRONICS-SPEAR-09-H022_06 Datasheet
930Kb / 71P
SPEAr Head200 ARM 926, 200K customizable eASIC gates, large IP portfolio SoC
28-Sep-2006
SPEAR-09-H042 STMICROELECTRONICS-SPEAR-09-H042 Datasheet
155Kb / 16P
SPEAr??Head200, ARM 926, 200 K customizable eASIC??gates, large IP portfolio SoC
31-Jan-2008
More results

Similar Description - SPEAR600

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX318 SONY-ACX318 Datasheet
33Kb / 2P
Digital Camera LCD Product Line Features Low Power and Digital Interface Support
logo
ATMEL Corporation
SAM9M10 ATMEL-SAM9M10 Datasheet
234Kb / 2P
400MHz ARM926-based Embedded MPU with Hardware Video Decoder for Industrial Applications
logo
STMicroelectronics
SPEAR300 STMICROELECTRONICS-SPEAR300 Datasheet
1Mb / 83P
Embedded MPU with ARM926 core, flexible memory support, powerful connectivity features and human machine interface
29-Apr-2010
SPEAR320 STMICROELECTRONICS-SPEAR320 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
SPEAR1310 STMICROELECTRONICS-SPEAR1310 Datasheet
811Kb / 57P
Dual-core Cortex A9 embedded MPU for communications
02-Sep-2010
SPEAR1340 STMICROELECTRONICS-SPEAR1340 Datasheet
2Mb / 200P
Dual-core Cortex A9 HMI embedded MPU
11-Oct-2012
logo
List of Unclassifed Man...
MXE-5300 ETC2-MXE-5300 Datasheet
372Kb / 3P
Powerful 2nd Generation Intel짰 Core??i7 Fanless Embedded Computer with High Performance Wireless Support
logo
STMicroelectronics
SPEAR320-2 STMICROELECTRONICS-SPEAR320-2 Datasheet
909Kb / 73P
Embedded MPU with ARM926 core, optimized for factory automation and consumer applications
05-Jul-2011
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
STMicroelectronics
SPEAR320S STMICROELECTRONICS-SPEAR320S Datasheet
1Mb / 113P
Embedded MPU with ARM926 core for industrial and consumer applications
27-Sep-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com