Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 17Page - STMicroelectronics SPEAR600 Datasheet HTML 18Page - STMicroelectronics SPEAR600 Datasheet HTML 19Page - STMicroelectronics SPEAR600 Datasheet HTML 20Page - STMicroelectronics SPEAR600 Datasheet HTML 21Page - STMicroelectronics SPEAR600 Datasheet HTML 22Page - STMicroelectronics SPEAR600 Datasheet HTML 23Page - STMicroelectronics SPEAR600 Datasheet HTML 24Page - STMicroelectronics SPEAR600 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
SPEAr600
Architecture overview
Doc ID 16259 Rev 3
21/97
Each PLL uses an oscillator input of 30 MHz to generate a clock signal at a frequency
corresponding to the highest of the group. This is the reference signal used by the multi
clock generator block to obtain all the other required clocks for the group. Its main feature is
electromagnetic interference reduction capability.
The user can set up the PLL in order to modulate the VCO with a triangular wave. The
resulting signal has a spectrum (and power) spread over a small programmable range of
frequencies centered on F0 (the VCO frequency), obtaining minimum electromagnetic
emissions. This method replaces all the other traditional methods of EMI reduction, such as
filtering, ferrite beads, chokes, adding power layers and ground planes to PCBs, metal
shielding and so on. This gives the customer appreciable cost savings.
In sleep mode the SPEAr600 runs with the PLL disabled so the available frequency is 30
MHz or a sub-multiple (/2, /4, /16 and /32) or 32 KHz.
PLL3 is used to generate the USB controller clocks and it is not configured through
registers.
2.20
Vectored interrupt controller (VIC)
Each ARM Subsystem of SPEAr600 offers Vectored Interrupted Controller (VIC) blocks,
providing a software interface to the interrupt system.
Acting as an interrupt controller, the VIC determines the source that is requesting service
and where its interrupt service routine (ISR) is loaded, doing that in hardware.
In particular, the VIC supplies the starting address, or vector address, of the ISR
corresponding to the highest priority requesting interrupt source.
Main features of the VIC are listed below:
Support for 32 standard interrupt sources (a total of 64 lines are available for each CPU
from its two daisy-chained VICs).
Generation of both Fast Interrupt request (FIQ) and Interrupt Request (IRQ. IRQ is
used for general interrupts, whereas FIQ is intended for fast, low-latency interrupt
handling.
Support for 16 vectored interrupts (IRQ only);
Hardware interrupt priority
FIQ interrupt has the highest priority
followed by vectored IRQ interrupts, from vector 0 to vector 15
then non-vectored IRQ interrupts with the lowest priority
Interrupt masking/ interrupts request status
Software interrupt generation
2.21
General purpose timers
SPEAr600 provides five general purpose timers (GPTs) acting as APB slaves.
Each GPT consists of 2 channels, each one made up of a programmable 16-bit counter and
a dedicated 8-bit timer clock prescaler. The programmable 8-bit prescaler performs a clock
division by 1 up to 256, and different input frequencies can be chosen through SPEAr600
configuration registers (frequencies up to 83 MHz can be synthesized).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com