Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 75 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 71Page - STMicroelectronics SPEAR600 Datasheet HTML 72Page - STMicroelectronics SPEAR600 Datasheet HTML 73Page - STMicroelectronics SPEAR600 Datasheet HTML 74Page - STMicroelectronics SPEAR600 Datasheet HTML 75Page - STMicroelectronics SPEAR600 Datasheet HTML 76Page - STMicroelectronics SPEAR600 Datasheet HTML 77Page - STMicroelectronics SPEAR600 Datasheet HTML 78Page - STMicroelectronics SPEAR600 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 97 page
background image
SPEAr600
Timing characteristics
Doc ID 16259 Rev 3
75/97
Note:
The timings shown in Figure 21 depend on the programmed values of TSCLHigh and
TSCLLow: so, the values present in Table 45 to Table 47 have been calculated using the
minimum programmable values of:
IC_HS_SCL_HCNT=19 and IC_HS_SCL_LCNT=53 registers (for High-Speed mode)
IC_FS_SCL_HCNT=99 and IC_FS_SCL_LCNT=215 registers (for Fast-Speed mode)
IC_SS_SCL_HCNT=664 and IC_SS_SCL_LCNT=780 registers (for Standard-Speed
mode).
These minimum values depend on the AHB clock frequency, which is 166 MHz.
Note:
A device may internally require a hold time of at least 300 ns for the SDA signal (referred to
the VIHmin of the SCL signal) to bridge the undefined region of the falling edge of SCL
(Please refer to the I2C Bus Specification v3-0 Jun 2007). However, the SDA data hold time
in the I2C controller of SPEAr600 is one-clock cycle based (7 ns with the HCLK clock at 166
MHz). This time may be insufficient for some slave devices. A few slave devices may not
receive the valid address due to the lack of SDA hold time and will not acknowledge even if
the address is valid. If the SDA data hold time is insufficient, an error may occur.
Workaround: If a device needs more SDA data hold time than one clock cycle, an RC delay
circuit is needed on the SDA line as illustrated in Figure 22
Figure 22.
RC delay circuit
For example, R=K and C=200 pF.
SDA from SPEAr pad
SDA to Device
R
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com