Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 51Page - STMicroelectronics SPEAR600 Datasheet HTML 52Page - STMicroelectronics SPEAR600 Datasheet HTML 53Page - STMicroelectronics SPEAR600 Datasheet HTML 54Page - STMicroelectronics SPEAR600 Datasheet HTML 55Page - STMicroelectronics SPEAR600 Datasheet HTML 56Page - STMicroelectronics SPEAR600 Datasheet HTML 57Page - STMicroelectronics SPEAR600 Datasheet HTML 58Page - STMicroelectronics SPEAR600 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
SPEAr600
Electrical characteristics
Doc ID 16259 Rev 3
55/97
5
Electrical characteristics
5.1
Absolute maximum ratings
This product contains devices to protect the inputs against damage due to high/low static
voltages. However it is advisable to take normal precaution to avoid application of any
voltage higher/lower than the specified maximum/minimum rated voltages.
The Absolute maximum rating is the maximum stress that can be applied to a device without
causing permanent damage. However, extended exposure to minimum/maximum ratings
may affect long-term device reliability.
5.2
Maximum power consumption
The following table includes the maximum current and power consumption for each power
domain.
Note:
These values take into consideration the worst cases of process variation and voltage range
and must be used to design the power supply section of the board.
Table 19.
Absolute maximum ratings
Symbol
Parameter
Minimum value
Maximum value
Unit
VDD 1.0
Supply voltage at 1.0
- 0.3
1.2
V
VDD 3.3
Supply voltage at 3.3
- 0.3
3.9
V
VDD 2.5
Supply voltage at 2.5
- 0.3
3
V
VDD 1.8
Supply voltage at 1.8
- 0.3
2.16
V
TSTG
Storage temperature
-55
150
°C
TJ
Junction temperature
-40
125
°C
Table 20.
Maximum current and power consumption
Symbol
Description
Max
Unit
VDD 1.0
Supply voltage at 1.0 V
1000
mA
VDD 1.8
Supply voltage at 1.8 V(1)
1.
Average current with Linux memory test [50% write and 50% read] plus DMA reading memory.
130
mA
VDD 2.5
Supply voltage at 2.5 V
22
mA
VDD 3.3
Supply voltage at 3.3 V(2)
2.
With 30 logic channels connected to the device and simultaneously switching at 10 MHz.
60
mA
VDD RTC
Supply voltage at 1.8 V
10
µA
PD
Maximum power consumption
1500(3)
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com