Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 25Page - STMicroelectronics SPEAR600 Datasheet HTML 26Page - STMicroelectronics SPEAR600 Datasheet HTML 27Page - STMicroelectronics SPEAR600 Datasheet HTML 28Page - STMicroelectronics SPEAR600 Datasheet HTML 29Page - STMicroelectronics SPEAR600 Datasheet HTML 30Page - STMicroelectronics SPEAR600 Datasheet HTML 31Page - STMicroelectronics SPEAR600 Datasheet HTML 32Page - STMicroelectronics SPEAR600 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
SPEAr600
Pin description
Doc ID 16259 Rev 3
29/97
Table 6.
USB pins
Group
Signal name
Ball
Direction
Function
Pin type
USB
USB_DEV_DP
V1
I/O
USB Device D+
Bidirectional
analog buffer,
5V tolerant
USB_DEV_DM
V2
USB Device D-
USB_DEV_VBUS
R4
Input
USB Device
VBUS
TTL input buffer,
3.3 V tolerant,
PD
USB_HOST1_DP
T1
I/O
USB HOST1
D+
Bidirectional
analog buffer
5V tolerant
USB_HOST1_DM
T2
USB HOST1 D-
USB_HOST1_VBUS
P5
Output
USB HOST1
VBUS
TTL output
buffer, 3.3 V
capable, 4 mA
USB_HOST1_OVRC
P6
Input
USB Host1
Over-current
TTL input buffer,
3.3V tolerant,
active low
USB_HOST2_DP
P1
I/O
USB HOST2
D+
Bidirectional
analog buffer,
5V tolerant
USB_HOST2_DM
P2
USB HOST2 D-
USB_HOST2_VBUS
R5
Output
USB HOST2
VBUS
TTL output
buffer, 3.3 V
capable, 4 mA
USB_HOST2_OVRC
R6
Input
USB Host2
Over-current
TTL input buffer,
3.3 V tolerant,
active low
USB_USB_RREF
U4
Output
Ext.Reference
resistor
Analog, see
Note 3 on
page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com