Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 35Page - STMicroelectronics SPEAR600 Datasheet HTML 36Page - STMicroelectronics SPEAR600 Datasheet HTML 37Page - STMicroelectronics SPEAR600 Datasheet HTML 38Page - STMicroelectronics SPEAR600 Datasheet HTML 39Page - STMicroelectronics SPEAR600 Datasheet HTML 40Page - STMicroelectronics SPEAR600 Datasheet HTML 41Page - STMicroelectronics SPEAR600 Datasheet HTML 42Page - STMicroelectronics SPEAR600 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 97 page
background image
SPEAr600
Pin description
Doc ID 16259 Rev 3
39/97
EXPI
PL_GPIO_32
G3
I/O
Logic I/O
TTL bidirectional
buffer
3.3 V capable,
4mA,
3.3 V tolerant,
PU(1)
PL_GPIO_33
G4
PL_GPIO_34
G5
PL_GPIO_35
F5
PL_GPIO_36
F4
PL_GPIO_37
F3
PL_GPIO_38
F2
PL_GPIO_39
F1
PL_GPIO_40
E4
PL_GPIO_41
E3
PL_GPIO_42
E2
PL_GPIO_43
E1
PL_GPIO_44
D3
PL_GPIO_45
D2
PL_GPIO_46
D1
PL_GPIO_49
B1
PL_GPIO_56
B4
PL_GPIO_57
C4
PL_GPIO_58
D4
PL_GPIO_59
E5
PL_GPIO_60
D5
PL_GPIO_61
C5
PL_GPIO_62
B5
PL_GPIO_63
B6
Table 15.
EXPI pins (continued)
Group
Signal name
Ball
Direction
Function
Pin Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com