Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 84 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 80Page - STMicroelectronics SPEAR600 Datasheet HTML 81Page - STMicroelectronics SPEAR600 Datasheet HTML 82Page - STMicroelectronics SPEAR600 Datasheet HTML 83Page - STMicroelectronics SPEAR600 Datasheet HTML 84Page - STMicroelectronics SPEAR600 Datasheet HTML 85Page - STMicroelectronics SPEAR600 Datasheet HTML 86Page - STMicroelectronics SPEAR600 Datasheet HTML 87Page - STMicroelectronics SPEAR600 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
Timing characteristics
SPEAr600
84/97
Doc ID 16259 Rev 3
6.7
SMI timing characteristics
The characterization timing is given for an output load of 5 pF on the clock and 10 pF on the
other pads. The operating conditions are in worst case V=0.90 V, TA=125° C and in best
case V=1.10 V, TA= 40° C.
6.7.1
SMI timing specifications
Figure 41.
SMI waveforms
Figure 42.
Block diagram of the SMI pins
Table 54.
SMI timings in default configuration
Signal
Parameter
Value
Description
SMI_CLK
tCLK
50 ns
SMI period (normal mode).
tCLK
20 ns
SMI period (fast read mode).
tr
0.8 ns
Transition times.
tf
0.84 ns
SMI_DATAIN
tSETUP
4.5 ns
Max setup time and min hold time of
data in, referred to SMI_CLK rising
edge.
tHOLD
-0.08 ns
Thold
SMI_CLK
SMI_DATAIN
Tclock
Tr
Tf
Tsetup
Tmin
Tmax
SM I_DATAOUT
Tfmin
Tfmax
SM I_CS_0
SM I_CS_1
SM I_CS_3
Trmin
Trmax
Q
Q
SET
CLR
D
Q
Q SET
CLR
D
Q
Q
SET
CLR
D
SMI_CLK
SMI_CLK
SMI_DATAIN
SMI_DATAOUT
SMI_CS_n
(n= 0,1,3)
SMI_DATAOUT
SMI_CS_n
(n= 0,1,3)
HCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com