Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 6Page - STMicroelectronics SPEAR600 Datasheet HTML 7Page - STMicroelectronics SPEAR600 Datasheet HTML 8Page - STMicroelectronics SPEAR600 Datasheet HTML 9Page - STMicroelectronics SPEAR600 Datasheet HTML 10Page - STMicroelectronics SPEAR600 Datasheet HTML 11Page - STMicroelectronics SPEAR600 Datasheet HTML 12Page - STMicroelectronics SPEAR600 Datasheet HTML 13Page - STMicroelectronics SPEAR600 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
Description
SPEAr600
10/97
Doc ID 16259 Rev 3
–
RTC with separate power supply allowing battery connection
–
Watchdog timer
–
Miscellaneous registers array for embedded MPU configuration.
●
External local bus (EXPI I/f) that is an AMBA AHB like interface
●
Programmable PLLs for CPU and system clocks
●
JTAG IEEE 1149.1 boundary scan
●
ETM functionality multiplexed on primary pins.
●
Supply voltages
–
1.0 V core, 1.8 V/2.5 V DDR, 2.5 V PLLs 1.8 V RTC and 3.3 V I/Os
●
Operating temperature: - 40 to 85 °C
●
ESD rating: HBM class 2, CDM class II
●
PBGA420 (23 x 23 x 2.06 mm, pitch 1 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com