Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 18Page - STMicroelectronics SPEAR600 Datasheet HTML 19Page - STMicroelectronics SPEAR600 Datasheet HTML 20Page - STMicroelectronics SPEAR600 Datasheet HTML 21Page - STMicroelectronics SPEAR600 Datasheet HTML 22Page - STMicroelectronics SPEAR600 Datasheet HTML 23Page - STMicroelectronics SPEAR600 Datasheet HTML 24Page - STMicroelectronics SPEAR600 Datasheet HTML 25Page - STMicroelectronics SPEAR600 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 97 page
background image
Architecture overview
SPEAr600
22/97
Doc ID 16259 Rev 3
Two different modes of operation are available:
Auto-reload mode, an interrupt source is activated, the counter is automatically cleared
and then it restarts incrementing.
Single-shot mode, an interrupt source is activated, the counter is stopped and the GPT
is disabled.
2.22
Watchdog timer
The ARM watchdog module consists of a 32-bit down counter with a programmable time-out
interval that has the capability to generate an interrupt and a reset signal on timing out. The
watchdog module is intended to be used to apply a reset to a system in the event of a
software failure.
2.23
RTC oscillator
The RTC provides a 1-second resolution clock. This keeps time when the system is inactive
and can be used to wake the system up when a programmed alarm time is reached. It has a
clock trimming feature to compensate for the accuracy of the 32.768 kHz crystal and a
secured time update.
Main features:
Time-of-day clock in 24 hour mode
Calendar
Alarm capability
Isolation mode, allowing RTC to work even if power is not supplied to the rest of the
device.
2.24
Reconfigurable array subsystem connectivity (RAS)
The Reconfigurable Logic Array consists of an embedded macro where it is possible to
implement a custom project by mapping up to 600k equivalent standard cells. The user can
design custom logic and special function using various features offered by the
Reconfigurable Logic Array and by the SPEAr600 system listed here below.
4 AHB bus master interfaces
5 AHB bus slave interfaces
Dedicated interface with CPU1 to customize the Tightly Couple Memory
Dedicated interface with CPU1 to customize the Coprocessor
Dedicated interface with CPU2 to customize the Tightly Coupled Memory
Interfaces towards a dedicated 130 kB Memory Array Subsystem provided of functional
BIST driven by SoC via software and divided in the following ST memory cuts:
3 single port memory cuts (48 words x 128 bits)
4 single port memory cuts (2048 words x 32 bits)
8 single port memory cuts (1024 words x 32 bits)
16 single port memory cuts (512 words x 32 bits)
8 dual port memory cuts (512 words x 32 bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com