Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 86 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 82Page - STMicroelectronics SPEAR600 Datasheet HTML 83Page - STMicroelectronics SPEAR600 Datasheet HTML 84Page - STMicroelectronics SPEAR600 Datasheet HTML 85Page - STMicroelectronics SPEAR600 Datasheet HTML 86Page - STMicroelectronics SPEAR600 Datasheet HTML 87Page - STMicroelectronics SPEAR600 Datasheet HTML 88Page - STMicroelectronics SPEAR600 Datasheet HTML 89Page - STMicroelectronics SPEAR600 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 97 page
background image
Timing characteristics
SPEAr600
86/97
Doc ID 16259 Rev 3
6.8
SSP timing characteristics
The device SPEAr600 contains 3 SSP modules. The Low Speed Connectivity Subsystem
contains SSP1 and SSP2, the Application Subsystem contains SSP3. These 3 identical
modules provide a programmable length shift register which allows serial communication
with other SSP devices through a 3 or 4 wire interface (SSP_SCLK, SSP_MISO,
SSP_MOSI and SSP_SS). The SSP module supports the following features:
Master/Slave mode operations
Programmable clock bit rate and prescaler
Programmable choice of interface operation: SPI, Microwire or TI synchronous serial
Programmable data frame size from 5 to 16 bits
Separate transmit and receive FIFO, 16 bits wide, 8 locations deep
The features of the Motorola SPI-compatible interface are:
Full duplex, four-wire synchronous transfers (SSP_SCLK, SSP_MISO, SSP_MOSI and
SSP_SS)
Programmable Clock Polarity (CPOL) and Clock Phase (CPHA)
The following Tables show the Timing Requirements of the SPI four-wire synchronous
transfer for the 3 SSP modules present in the Spear600 configured in master mode
(indicated in the tables as SPI1, SPI2 and SPI3). Both the Timings on MISO (master input
slave output) pad and MOSI (master output slave input) pad are provided.
T = Tc(CLK) = SSP_CLK period is equal to the SSP module master clock divided by a
configurable divider.
Figure 43.
SSP_CLK timing
Table 56.
Timing requirements for SSP (all modes)
No.
parameters
value
unit
1
Tc(CLK)
Cycle time, SSP_SCLK
24 (min)
ns
2
Tw(CLKH)
Pulse duration, SSP_SCLK high
.49T - .51T
ns
3
Tw(CLKL)
Pulse duration, SSP_SCLK low
.51T - .49T
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com