Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR600 Datasheet(PDF) 60 Page - STMicroelectronics

Part # SPEAR600
Description  Embedded MPU with dual ARM926 core, flexible memory support, powerful connectivity features and programmable LCD interface
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR600 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button SPEAR600 Datasheet HTML 56Page - STMicroelectronics SPEAR600 Datasheet HTML 57Page - STMicroelectronics SPEAR600 Datasheet HTML 58Page - STMicroelectronics SPEAR600 Datasheet HTML 59Page - STMicroelectronics SPEAR600 Datasheet HTML 60Page - STMicroelectronics SPEAR600 Datasheet HTML 61Page - STMicroelectronics SPEAR600 Datasheet HTML 62Page - STMicroelectronics SPEAR600 Datasheet HTML 63Page - STMicroelectronics SPEAR600 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
Timing characteristics
SPEAr600
60/97
Doc ID 16259 Rev 3
6
Timing characteristics
6.1
DDR2 timing characteristics
The characterization timing is done considering an output load of 10 pF on all the DDR
pads. The operating conditions are in worst case V = 0.90 V TA = 125 °C and in best case
V=1.10 V TA = 40 °C.
6.1.1
DDR2 read cycle timings
Figure 4.
DDR2 read cycle waveforms
Figure 5.
DDR2 read cycle path
t4
t5
t5
t4
t4
DQS
DQ
t1
t2
Q
Q
SET
CLR
D
t3
DLL
DQS
DQ
Table 31.
DDR2 read cycle path timings without pad delay
t3MAX
(t1 + t2)MIN
t3MIN
(t1 + t2)MAX
Rising best
133 ps
212 ps
125 ps
244 ps
Falling best
134 ps
205 ps
127 ps
239 ps
Rising worst
336 ps
611 ps
311 ps
646 ps
Falling worst
348 ps
550 ps
324 ps
590 ps
Table 32.
DDR2 read cycle timings without pad delay
Period (T)
Frequency
t4MAX
t5MAX
3 ns
333 MHz
814 ps
343 ps
3.75 ns
266 MHz
996 ps
532 ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com