Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 15Page - STMicroelectronics SPEAR320S Datasheet HTML 16Page - STMicroelectronics SPEAR320S Datasheet HTML 17Page - STMicroelectronics SPEAR320S Datasheet HTML 18Page - STMicroelectronics SPEAR320S Datasheet HTML 19Page - STMicroelectronics SPEAR320S Datasheet HTML 20Page - STMicroelectronics SPEAR320S Datasheet HTML 21Page - STMicroelectronics SPEAR320S Datasheet HTML 22Page - STMicroelectronics SPEAR320S Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 113 page
background image
SPEAr320S
Device functions
Doc ID 022508 Rev 2
19/113
2.12
Asynchronous serial ports (UART)
The SPEAr320S has 7 UART ports. The actual number of concurrently exploitable ports
depends on the selected chip operating mode. The different capabilities of each port are
summarized in Table 3 below.
Main features:
Programmable baud rate generator
Transmit FIFO queue (8-bit data, 16 entries) and receive FIFO queue (12-bit
data/status, 16 entries) with disabling option (1-byte buffer depth)
Supports for DMA operation
Hardware flow control (RTS,CTS) for some ports and configurations
Modem control signals (DCD, DSR, DTS, RI) for some ports and configurations
Fully programmable serial interface with following parameters:
data bits: 5, 6, 7 or 8
parity: even, odd, stick or none (generation and detection)
stop bits: 1 or 2
line break handling (generation and detection)
Flexible interrupt handing and masking
Table 3.
SPEAr320S UART capabilities
Port
Speed
Hardware flow control
Modem signals
UART0
Up to 3 Mbps
Yes
Yes (as alternate function)
UART1
Up to 7 Mbps
Yes (except for Mode 1 and 2) Yes (except for Mode 1 and 2)
UART2 - 6
Up to 7 Mbps
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com