Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 32 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 32 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 28Page - STMicroelectronics SPEAR320S Datasheet HTML 29Page - STMicroelectronics SPEAR320S Datasheet HTML 30Page - STMicroelectronics SPEAR320S Datasheet HTML 31Page - STMicroelectronics SPEAR320S Datasheet HTML 32Page - STMicroelectronics SPEAR320S Datasheet HTML 33Page - STMicroelectronics SPEAR320S Datasheet HTML 34Page - STMicroelectronics SPEAR320S Datasheet HTML 35Page - STMicroelectronics SPEAR320S Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
Pin description
SPEAr320S
32/113
Doc ID 022508 Rev 2
3.3.2
Power supply pins
Note:
All the VDD 2V5 power supplies are analog VDD.
Table 7.
Power supply pins description
Group
Signal name
Value
Ball
Digital ground
GND
0 V
G6 G7 G8 G9 G10 G11 H6 H7
H8 H9 H10 H11 J6 J7 J8 J9 J10
J11 K6 K7 K8 K9 K10 K11 L6 L7
L8 L9 L10 M8 M9 M10
USB_HOST1_HOST0_DEVICE_DVSS
L5
Analog ground
RTC_GND
0 V
F2
DITH_PLL_VSS_ANA
G1
USB_HOST1_VSSA
J2
USB_HOST0_VSSA
L1
USB_COMMON_VSSAC
L3
USB_DEVICE_VSSA
N2
DITH_VSS2V5
N4
MCLK_GND
P3
MCLK_GNDSUB
R3
ADC_AGND
N12
IO
DIGITAL_VDDE3V3
3.3 V
F5 F6 F7 F10 F11 F12 G5 J12
K12 L12 M12
Core
VDD
1.2 V
F8 F9 G12 H5 H12 J5 L11 M6
M7 M11
USB Host0 PHY
USB_HOST0_VDD2V5
2.5 V
L2
USB_HOST0_VDD3V3
3.3 V
K4
USB Host1 PHY
USB_HOST1_VDD2V5
2.5 V
K3
USB_HOST1_VDD3V3
3.3 V
J1
USB Device PHY
USB_DEVICE_VDD2V5
2.5 V
N1
USB_DEVICE_VDD3V3
3.3 V
N3
USB_HOST1_HOST0_DEVICE_DVDD1V2
1.2 V
M3
OSCI (MCLK)
MCLK_VDD
1.2 V
R1
MCLK_VDD2V5
2.5 V
R2
PLL1
DITH_PLL_VDD_ANA
2.5 V
G2
PLL2
DITH_VDD_2V5
2.5 V
M4
DDR IO
DDR_VDDE1V8
1.8 V
M5 N5 N6 N7 N8 N9 N10 N11
ADC
ADC_AVDD
2.5 V
N13
OSCI (RTC)
RTC_VDD1V5
1.5 V
F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com