Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 12 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 12 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 8Page - STMicroelectronics SPEAR320S Datasheet HTML 9Page - STMicroelectronics SPEAR320S Datasheet HTML 10Page - STMicroelectronics SPEAR320S Datasheet HTML 11Page - STMicroelectronics SPEAR320S Datasheet HTML 12Page - STMicroelectronics SPEAR320S Datasheet HTML 13Page - STMicroelectronics SPEAR320S Datasheet HTML 14Page - STMicroelectronics SPEAR320S Datasheet HTML 15Page - STMicroelectronics SPEAR320S Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 113 page
background image
Device functions
SPEAr320S
12/113
Doc ID 022508 Rev 2
The BootROM firmware selects the boot mode from the boot pin settings (see Section 3.4.5:
Boot pins). A setting is also available to allow the BootROM execution to be bypassed.
The first three modes support alternate ways of locating and starting the selected operating
system or target custom software. Such modes require a second-level boot firmware to be
stored in external Flash memory. A reference code for such boot loader (called “XLoader”) is
provided by STMicroelectronics in source and binary formats for the SPEAr320S evaluation
boards. Such code must be adapted according to the specific DDR memory components
found on target customer systems.
The fourth mode can be used for installing and updating the software on external Flash
memories through a PC-based software utility provided by STMicroelectronics exploiting a
USB link between a PC and a target SPEAr320S board.
The sixth mode used the MII0 port and is based on two standard protocols: DHCP (to get an
IP address over the network) and TFTP (for receiving xloader and u-boot binary images).
2.3
Multiport DDR controller (MPMC)
SPEAr320S integrates a high-performance controller able to manage DDR2 (double data
rate) and LPDDR (low power DDR) external dynamic memory devices.
Main features:
Support for DDR2 up to 333 MHz (666 MT/sec)
Support for LPDDR up to 166 MHz (333 MT/sec)
Support for 8-/16-bit external data bus
Support for up to 1 GByte DDR2/LPDDR memory address space
Full initialization of memories on controller reset
6 independent internal ports: five of them are used to access the external memory
while one is reserved for programming the controller configuration registers
Programmable built-in port arbitration scheme to ensure high memory bandwidth
utilization
Fully pipelined read and write commands
Self-refresh mode for power saving
Integrated physical layer (PHY) and delay locked loops (DLLs) for fine tuning of the
timing parameters, maximizing the data valid windows at different frequencies
2.4
Serial NOR Flash controller (SMI)
SPEAr320S integrates a Flash memory controller able to manage serial, SPI-compatible,
NOR Flash and EEPROM external memory devices.
Main features:
Support for up to 32 MByte external serial memory storage capacity (2 x 16 MB
addressable banks by independent chip select signals)
SMI clock up to 50 MHz (fast read mode) or 20 MHz (normal mode), with software
configurable 7-bit prescaler



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com