Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 90 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 90 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 86Page - STMicroelectronics SPEAR320S Datasheet HTML 87Page - STMicroelectronics SPEAR320S Datasheet HTML 88Page - STMicroelectronics SPEAR320S Datasheet HTML 89Page - STMicroelectronics SPEAR320S Datasheet HTML 90Page - STMicroelectronics SPEAR320S Datasheet HTML 91Page - STMicroelectronics SPEAR320S Datasheet HTML 92Page - STMicroelectronics SPEAR320S Datasheet HTML 93Page - STMicroelectronics SPEAR320S Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 113 page
background image
Timing requirements
SPEAr320S
90/113
Doc ID 022508 Rev 2
Note:
Values in Table 64 refer to the common internal source clock which has a period of tHCLK = 6
ns.
Table 64.
FSMC timing requirements
Symbol
Min
Max
tCLE
-3.9
2.8
tALE
-4.2
2.6
tWE
(1)
1.
Programmable by the Tset bits in the FSMC registers.
(((Tset+1) * tHCLK ) - 3 ns)
(((Tset+1) * tHCLK) + 3 ns)
tRE
(1)
(((Tset+1) * tHCLK ) - 3 ns)
(((Tset+1) * tHCLK) + 3 ns)
tIO
(2)
2.
Programmable by the Thiz bits in the FSMC registers.
(((Thiz +1) * tHCLK) - 3 ns)
(((Thiz +1) * tHCLK )+ 3 ns)
tREAD
(3)
3.
Programmable by the Twait bits in the FSMC registers.
((Twait+1)* tHCLK
Table 65.
FSMC signals timing requirements
Direction
Signal name
Max
Min
Data path
width
Unit
FSMC_CMD_LE
10.57
3.1
ns
FSMC_ADDR_LE
9.5
2.8
FSMC_WE
8.5
2.9
FSMC_RE
8.4
2.75
FSMC_CS0
9.165836
3.07661
FSMC_CS1
8.473722
2.81431
FSMC_CS2
9.172739
3.02958
FSMC_CS3
9.808426
3.21934
FSMC_D7-FSMC_D0
7.710164
2.298715
8-bit
FSMC_D15-FSMC_D8
9.301547
2.420165
8-bit
FSMC_D15-FSMC_D0
9.301547
2.298715
16-bit
FSMC_RDY/BUSY
6.88
1.7
FSMC_D7-FSMC_D0
8.8809
1.18356
8-bit
FSMC_D15-FSMC_D8
10.875302
1.37802
8-bit
FSMC_D15-FSMC_D0
10.875302
1.18356
16-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com