Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 34 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 30Page - STMicroelectronics SPEAR320S Datasheet HTML 31Page - STMicroelectronics SPEAR320S Datasheet HTML 32Page - STMicroelectronics SPEAR320S Datasheet HTML 33Page - STMicroelectronics SPEAR320S Datasheet HTML 34Page - STMicroelectronics SPEAR320S Datasheet HTML 35Page - STMicroelectronics SPEAR320S Datasheet HTML 36Page - STMicroelectronics SPEAR320S Datasheet HTML 37Page - STMicroelectronics SPEAR320S Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 113 page
background image
Pin description
SPEAr320S
34/113
Doc ID 022508 Rev 2
Table 10.
USB pins description
Group
Signal name
Description
Dir.
Pin type
Ball
USB
Device
USB_DEVICE_DP
USB Device D+
IO
Bidirectional analog buffer
5 V tolerant
M1
USB_DEVICE_DM
USB Device D-
M2
USB_DEVICE_VBUS
USB Device VBUS
I
TTL input buffer 3.3 V
tolerant, PD
G3
USB Host
USB_HOST1_DP
USB Host1 D+
IO
Bidirectional analog buffer
5 V tolerant
H1
USB_HOST1_DM
USB Host1 D-
H2
USB_HOST1_VBUS
USB Host1 VBUS
O
TTL output buffer 3.3 V
capable, 4 mA
H3
USB_HOST1_OVERCUR
USB Host1 Over-Current
I
TTL input buffer 3.3 V
tolerant, PD
J4
USB_HOST0_DP
USB Host0 D+
IO
Bidirectional analog buffer
5 V tolerant
K1
USB_HOST0_DM
USB Host0 D-
K2
USB_HOST0_VBUS
USB Host0 VBUS
O
TTL output buffer 3.3 V
capable, 4 mA
J3
USB_HOST0_OVERCUR
USB Host0 Over-current
I
TTL Input Buffer 3.3 V
tolerant, PD
H4
USB
USB_TXRTUNE
Reference resistor
O
Analog
K5
USB_ANALOG_TEST
Analog test output
O
Analog
L4
Table 11.
ADC pins description
Signal name
Description
Dir.
Pin type
Ball
AIN_0
ADC analog input channel
I
Analog buffer 2.5 V tolerant
N16
AIN_1
N15
AIN_2
P17
AIN_3
P16
AIN_4
P15
AIN_5
R17
AIN_6
R16
AIN_7
R15
ADC_VREFN
ADC negative voltage reference
N14
ADC_VREFP
ADC positive voltage reference
P14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com