Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPEAR320S Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPEAR320S
Description  Embedded MPU with ARM926 core for industrial and consumer applications
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPEAR320S Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPEAR320S Datasheet HTML 13Page - STMicroelectronics SPEAR320S Datasheet HTML 14Page - STMicroelectronics SPEAR320S Datasheet HTML 15Page - STMicroelectronics SPEAR320S Datasheet HTML 16Page - STMicroelectronics SPEAR320S Datasheet HTML 17Page - STMicroelectronics SPEAR320S Datasheet HTML 18Page - STMicroelectronics SPEAR320S Datasheet HTML 19Page - STMicroelectronics SPEAR320S Datasheet HTML 20Page - STMicroelectronics SPEAR320S Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 113 page
background image
SPEAr320S
Device functions
Doc ID 022508 Rev 2
17/113
2.9.2
RMII0 and MII1/RMII1 Ethernet controllers
These functional blocks extend Ethernet capability by covering the Media independent
interface (MII) and Reduced media independent interface (RMII) standards.
They can be used in two ways:
as a single additional MAC controller with Media independent interface (MII1)
as two MAC controllers with Reduced media independent interface (RMII0, RMII1)
In RMII configuration, each controller has an independent set of data and control lines. The
reference clock (50 MHz) is shared by the controllers.
Main features:
Compatible with IEEE Standard 802.3
UNH tested
10 and 100 Mbit/s operation
Full and half duplex operation
Statistics counter registers for RMON/MIB
Automatic pad and CRC generation on transmitted frames
Automatic discard of frames received with errors
Address checking logic supports up to four specific 48-bit addresses
Supports promiscuous mode where all valid received frames are copied to memory
Hash matching of unicast and multicast destination addresses
External address matching of received frames
Supports serial network interface operation
Half-duplex flow control by forcing collisions on incoming frames
Full-duplex flow control with recognition of incoming pause frames and hardware
generation of transmitted pause frames
Support for 802.1Q VLAN tagging with recognition of incoming VLAN and priority
tagged frames
Multiple buffers per receive and transmit frame
Jumbo frames of up to 10240 bytes supported
2.10
MMC-SD card/SDIO controller
The MMC-SD card /SDIO controller conforms to the SD Host Controller Standard
Specification, version 2.0. It handles SD/SDIO protocol at transmission level by packing
data, adding cyclic redundancy check (CRC) and start/end bit as well as checking for
transaction format correctness.
The controller is designed to work with I/O cards, read-only cards and read/write cards, and
can operate either in SD mode (1-bit, 4-bit, 8-bit) or in SPI mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com