Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JTS3702 Datasheet (PDF) - STMicroelectronics

JTS3702 Datasheet PDF - STMicroelectronics
Part # JTS3702
Download  JTS3702 Download
File Size   4813.59 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Micropower dual CMOS voltage comparator: unsawn wafer

JTS3702 Datasheet (PDF)

Go To PDF Page Download Datasheet
JTS3702 Datasheet PDF - STMicroelectronics

Part # JTS3702
Download  JTS3702 Click to download

File Size   4813.59 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Micropower dual CMOS voltage comparator: unsawn wafer

JTS3702 Datasheet (HTML) - STMicroelectronics


JTS3702 Product details

Description
The JTS3702 is a micro power CMOS dual voltage comparator with an extremely low consumption of 9 µA typical per comparator (20 times less than the bipolar LM393). The push-pull CMOS output stage allows power and space saving by eliminating the external pull-up resistor required by usual open-collector output comparators. Thus, response times remain similar to the LM393. Unsawn wafer

Features
■ Push-pull CMOS output (no external pull-up resistor required)
■ Extremely low supply current: 9 µA typ per comparator
■ Wide single supply range: 2.7 V to 16 V or dual supplies (±1.35 V to ±8 V)
■ Extremely low input bias current: 1 pA typ
■ Extremely low input offset current: 1 pA typ
■ Input common-mode voltage range includes GND
■ High input impedance: 1012 Ω typ
■ Fast response time: 2 µs typ for 5 mV overdrive
■ Functionally compatible with bipolar LM393 Related products
■ See TS3702 for plastic packaged version




Similar Part No. - JTS3702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
JTS393 STMICROELECTRONICS-JTS393 Datasheet
1Mb / 10P
Micropower dual CMOS voltage comparator: unsawn wafer
18-Dec-2013
More results


Similar Description - JTS3702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC193 TI-TLC193 Datasheet
354Kb / 23P
DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Texas Instruments
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393 Datasheet
290Kb / 8P
Micropower Dual CMOS Voltage Comparator
November, 2014 ??Rev. 3
logo
STMicroelectronics
JTS393 STMICROELECTRONICS-JTS393 Datasheet
1Mb / 10P
Micropower dual CMOS voltage comparator: unsawn wafer
18-Dec-2013
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com