Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JTS3702 Datasheet(PDF) 1 Page - STMicroelectronics

Part # JTS3702
Description  Micropower dual CMOS voltage comparator: unsawn wafer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JTS3702 Datasheet(HTML) 1 Page - STMicroelectronics

  JTS3702 Datasheet HTML 1Page - STMicroelectronics JTS3702 Datasheet HTML 2Page - STMicroelectronics JTS3702 Datasheet HTML 3Page - STMicroelectronics JTS3702 Datasheet HTML 4Page - STMicroelectronics JTS3702 Datasheet HTML 5Page - STMicroelectronics JTS3702 Datasheet HTML 6Page - STMicroelectronics JTS3702 Datasheet HTML 7Page - STMicroelectronics JTS3702 Datasheet HTML 8Page - STMicroelectronics JTS3702 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
December 2013
DocID025632 Rev 1
1/10
JTS3702
Micropower dual CMOS voltage comparator: unsawn wafer
Datasheet
- production data
Features
• Push-pull CMOS output (no external pull-up
resistor required)
• Extremely low supply current: 9 µA typ per
comparator
• Wide single supply range: 2.7 V to 16 V or dual
supplies (±1.35 V to ±8 V)
• Extremely low input bias current: 1 pA typ
• Extremely low input offset current: 1 pA typ
• Input common-mode voltage range includes
GND
• High input impedance: 1012
Ωtyp
• Fast response time: 2 µs typ for 5 mV overdrive
• Functionally compatible with bipolar LM393
Related products
• See TS3702 for plastic packaged version
Description
The JTS3702 is a micro power CMOS dual
voltage comparator with an extremely low
consumption of 9 µA typical per comparator (20
times less than the bipolar LM393). The push-pull
CMOS output stage allows power and space
saving by eliminating the external pull-up resistor
required by usual open-collector output
comparators. Thus, response times remain
similar to the LM393.
Unsawn wafer
www.st.com


Similar Part No. - JTS3702

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
JTS393 STMICROELECTRONICS-JTS393 Datasheet
1Mb / 10P
Micropower dual CMOS voltage comparator: unsawn wafer
18-Dec-2013
More results

Similar Description - JTS3702

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC193 TI-TLC193 Datasheet
354Kb / 23P
DUAL MICROPOWER LinCMOSE VOLTAGE COMPARATOR
logo
Advanced Linear Devices
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
logo
Texas Instruments
TLC393 TI1-TLC393_13 Datasheet
1Mb / 31P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
TLC193 TI1-TLC193_14 Datasheet
1Mb / 32P
DUAL MICROPOWER LinCMOS VOLTAGE COMPARATOR
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393 Datasheet
290Kb / 8P
Micropower Dual CMOS Voltage Comparator
November, 2014 ??Rev. 3
logo
STMicroelectronics
JTS393 STMICROELECTRONICS-JTS393 Datasheet
1Mb / 10P
Micropower dual CMOS voltage comparator: unsawn wafer
18-Dec-2013
logo
ON Semiconductor
NCV2393 ONSEMI-NCV2393_17 Datasheet
362Kb / 8P
Micropower Dual CMOS Voltage Comparator
June, 2017 ??Rev. 5
logo
Unisonic Technologies
ULC393 UTC-ULC393 Datasheet
165Kb / 7P
DUAL MICROPOWER CMOS VOLTAGE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com