Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JTS3702 Datasheet(PDF) 5 Page - STMicroelectronics

Part # JTS3702
Description  Micropower dual CMOS voltage comparator: unsawn wafer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JTS3702 Datasheet(HTML) 5 Page - STMicroelectronics

  JTS3702 Datasheet HTML 1Page - STMicroelectronics JTS3702 Datasheet HTML 2Page - STMicroelectronics JTS3702 Datasheet HTML 3Page - STMicroelectronics JTS3702 Datasheet HTML 4Page - STMicroelectronics JTS3702 Datasheet HTML 5Page - STMicroelectronics JTS3702 Datasheet HTML 6Page - STMicroelectronics JTS3702 Datasheet HTML 7Page - STMicroelectronics JTS3702 Datasheet HTML 8Page - STMicroelectronics JTS3702 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID025632 Rev 1
5/10
JTS3702
Absolute maximum ratings and operating conditions
10
2
Absolute maximum ratings and operating conditions
Table 2. Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
V
CC
+
Supply voltage(1)
1. All voltage values, except differential voltage, are with respect to network ground terminal.
18
V
V
id
Differential input voltage(2)
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
i
Input voltage(3)
3. The magnitude of the input and the output voltages must never exceed the magnitude of the positive and
negative supply voltages.
18
V
o
Output voltage
18
I
o
Output current
20
mA
I
F
Forward current in ESD protection diodes on Input(4)
4. Guaranteed by design.
50
T
stg
Storage temperature range
-65 to +150
°C
ESD
HBM: human body model(5)
5. Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
400
V
MM: machine model(6)
6. Machine model: a 200 pF cap is charged to the specified voltage, then discharged directly between two
pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
50
Table 3. Operating conditions
Symbol
Parameter
Value
Unit
V
CC
+
Supply voltage
2.7 to 16
V
V
icm
Common mode input voltage range
T
min.
≤Tamb ≤Tmax
0 to V
CC
+ -1.2
0 to V
CC
+ -1.5
T
oper
Operating free-air temperature range - JTS3702C
0 to +70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com