Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JTS3702 Datasheet(PDF) 4 Page - STMicroelectronics

Part # JTS3702
Description  Micropower dual CMOS voltage comparator: unsawn wafer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

JTS3702 Datasheet(HTML) 4 Page - STMicroelectronics

  JTS3702 Datasheet HTML 1Page - STMicroelectronics JTS3702 Datasheet HTML 2Page - STMicroelectronics JTS3702 Datasheet HTML 3Page - STMicroelectronics JTS3702 Datasheet HTML 4Page - STMicroelectronics JTS3702 Datasheet HTML 5Page - STMicroelectronics JTS3702 Datasheet HTML 6Page - STMicroelectronics JTS3702 Datasheet HTML 7Page - STMicroelectronics JTS3702 Datasheet HTML 8Page - STMicroelectronics JTS3702 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Schematic diagram and pad configuration
JTS3702
4/10
DocID025632 Rev 1
Wafer dimension: 6 inches
Die size without scribe line:
X = 1306.0 µm
Y = 1076.0 µm
Scribe line: 60 µm
Bond pad opening 109 x 109 µm
Table 1. Pad coordinates (pad placement origin is the lower left corner of the die)
Pad number
Pad description
Center pad coordinates
X (µm)
Y (µm)
1
Output 1
140
1065.3
2
Inverting input 1
140
565.3
3
Non-inverting input 1
140
165.3
4
Vcc-
665
165.3
5
Non-inverting input 2
1190
165.3
6
Inverting input 2
1190
565.3
7
Output 2
1190
1065.3
8
Vcc+
665
1065.3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com