Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA 7851 Datasheet (PDF) - STMicroelectronics

TDA 7851 Datasheet PDF - STMicroelectronics
Part # TDA 7851
Download  TDA 7851 Download
File Size   446.58 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 48 W MOSFET quad bridge power amplifier

TDA 7851 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA 7851 Datasheet PDF - STMicroelectronics

Part # TDA 7851
Download  TDA 7851 Click to download

File Size   446.58 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 48 W MOSFET quad bridge power amplifier

TDA 7851 Datasheet (HTML) - STMicroelectronics


TDA 7851 Product details

Description

The TDA7851F is a breakthrough MOSFET technology class AB audio power amplifier, designed for high-power car radio.

The fully complementary P-Channel/N-Channel output structure allows a rail-to-rail output voltage swing. This, combined with high output current and minimized saturation losses, sets new power references in the car-radio field, with unparalleled

distortion performance.



Features

Multipower BCD technology

High output power capability:

     – 4 x 48 W/4 Ω max.

     – 4 x 28 W/4 Ω @ 14.4 V, 1 kHz, 10%

     – 4 x 72 W/2 Ω max.

MOSFET output power stage

Excellent 2 Ω driving capability

Hi-Fi class distortion

Low output noise

Standby function

Mute function

Automute at min. supply voltage detection

Low external component count:

      – Internally fixed gain (26 dB)

      – No external compensation

      – No bootstrap capacitors

Output DC offset detector

Protections:

    – Output short circuit to GND, to Vs, across the load

    – Very inductive loads

    – Overrating chip temperature with soft thermal limiter

    – Load dump voltage

    – Fortuitous open GND

    – Reversed battery

    – ESD




Similar Part No. - TDA 7851

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA 1190Z ETC-TDA 1190Z Datasheet
601Kb / 8P
LINEAR INTEGRATED CIRCUIT
logo
Infineon Technologies A...
TDA 5211 INFINEON-TDA 5211 Datasheet
1Mb / 52P
ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
More results


Similar Description - TDA 7851

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
4 x 50 W MOSFET quad bridge power amplifier plus HSD
09-Oct-2007
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
4 x 47W MOSFET quad bridge power amplifier
04-Oct-2007
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
4 x 41 W quad bridge car radio amplifier
18-Sep-2013
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
4 x 51 W quad bridge car radio amplifier
16-Sep-2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com