Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3249ECA Datasheet (PDF) - Sipex Corporation

SP3249ECA Datasheet PDF - Sipex Corporation
Part # SP3249ECA
Download  SP3249ECA Download
File Size   128.46 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Intelligent 3.0V to 5.5V RS-232 Transceivers

SP3249ECA Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3249ECA Datasheet PDF - Sipex Corporation

Part # SP3249ECA
Download  SP3249ECA Click to download

File Size   128.46 Kbytes
Page   14 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Intelligent 3.0V to 5.5V RS-232 Transceivers

SP3249ECA Datasheet (HTML) - Sipex Corporation


SP3249ECA Product details

DESCRIPTION
The SP3249E device is an RS-232 transceiver solution intended for portable or hand-held applications such as notebook and palmtop computers. The SP3249E uses an internal high-efficiency, charge-pump power supply that requires only 0.1µF capacitors in 3.3V operation. This charge pump and Sipexs driver architecture allow the SP3249E device to deliver compliant RS-232 performance from a single power supply ranging from +3.0V to +5.0V. The SP3249E is a 5-driver/3-receiver device, ideal for laptop/notebook computer and PDA applications.

■ Meets true EIA/TIA-232-F Standards from a +3.0V to +5.5V power supply
■ Interoperable with EIA/TIA-232 and adheres to EIA/TIA-562 down to a +2.7V power source
■ Minimum 250Kbps data rate under load
■ Regulated Charge Pump Yields Stable RS-232 Outputs Regardless of VCC Variations
■ Enhanced ESD Specifications:
    +15KV Human Body Model
    +15KV IEC1000-4-2 Air Discharge
    +8KV IEC1000-4-2 Contact Discharge




Similar Part No. - SP3249ECA

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3249E EXAR-SP3249E Datasheet
719Kb / 16P
Intelligent 3.0V to 5.5V RS-232 Transceiver
SP3249EEY-L EXAR-SP3249EEY-L Datasheet
719Kb / 16P
Intelligent 3.0V to 5.5V RS-232 Transceiver
More results


Similar Description - SP3249ECA

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3223E SIPEX-SP3223E Datasheet
235Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223 SIPEX-SP3223 Datasheet
165Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E Datasheet
175Kb / 24P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223E SIPEX-SP3223E_06 Datasheet
574Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECA-L SIPEX-SP3223ECA-L Datasheet
156Kb / 23P
Intelligent 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3223ECY-L EXAR-SP3223ECY-L Datasheet
891Kb / 20P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223ECY-L-TR EXAR-SP3223ECY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEA-L-TR EXAR-SP3223EEA-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
SP3223EEY-L-TR EXAR-SP3223EEY-L-TR Datasheet
803Kb / 21P
Intelligent 3.0V to 5.5V RS-232 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com