Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3249ECA Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP3249ECA
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3249ECA Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP3249ECA Datasheet HTML 2Page - Sipex Corporation SP3249ECA Datasheet HTML 3Page - Sipex Corporation SP3249ECA Datasheet HTML 4Page - Sipex Corporation SP3249ECA Datasheet HTML 5Page - Sipex Corporation SP3249ECA Datasheet HTML 6Page - Sipex Corporation SP3249ECA Datasheet HTML 7Page - Sipex Corporation SP3249ECA Datasheet HTML 8Page - Sipex Corporation SP3249ECA Datasheet HTML 9Page - Sipex Corporation SP3249ECA Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Rev.4/08/02
SP3249E Intelligent +3.0V to +5.5V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
6
DESCRIPTION
The SP3249E device meets the EIA/TIA-232 and
ITU-T V.28/V.24 communication protocols and
can be implemented in battery-powered, por-
table, or hand-held applications such as
notebook or palmtop computers. The SP3249E
device features Sipex's proprietary and patented
(U.S. #5,306,954) on-board charge pump
circuitry that generates
±5.5V RS-232 voltage
levels from a single +3.0V to +5.5V power
supply. The SP3249E device can operate at
a data rate of 250kbps fully loaded.
The SP3249E is a 5-driver/3-receiver device,
ideal for portable or hand-held applications.
The SP3249E device is an ideal choice for
power sensitive designs.
THEORY OF OPERATION
The SP3249E device is made up of three basic
circuit blocks: 1. Drivers, 2. Receivers, and
3. the Sipex proprietary charge pump.
Drivers
The drivers are inverting level transmitters that
convert TTL or CMOS logic levels to 5.0V EIA/
TIA-232 levels with an inverted sense relative to
the input logic levels. Typically, the RS-232
output voltage swing is +5.4V with no load and
+5V minimum fully loaded. The driver outputs
are protected against infinite short-circuits to
ground without degradation in reliability. These
drivers comply with the EIA-TIA-232F and all
previous RS-232 versions. Unused driver inputs
should be connected to GND or V
CC.
The drivers can guarantee a data rate of 250kbps
fully loaded with 3k
Ω in parallel with 1000pF,
ensuring compatibility with PC-to-PC commu-
nication software.
The slew rate of the driver output is internally
limited to a maximum of 30V/
µs in order to
meet the EIA standards (EIA RS-232D 2.1.7,
Paragraph 5). The transition of the loaded
output from HIGH to LOW also meets the
monotonicity requirements of the standard.
Figure 7 shows a loopback test circuit used to test
the RS-232 Drivers. Figure 8 shows the test
results of the loopback circuit with all five driv-
ers active at 120kbps with typical RS-232 loads
in parallel with 1000pF capacitors. Figure 6 shows
the test results where one driver was active at
250kbps and all five drivers loaded with an RS-
232 receiver in parallel with a 1000pF capacitor.
A solid RS-232 data transmission rate of 120kbps
provides compatibility with many designs in
personal computer peripherals and LAN appli-
cations.
Receivers
The receivers convert
±5.0V EIA/TIA-232
levels to TTL or CMOS logic output levels.
Since receiver input is usually from a transmission
line where long cable lengths and system
interference can degrade the signal, the inputs
have a typical hysteresis margin of 500mV. This
ensures that the receiver is virtually immune to
noisy transmission lines. Should an input be left
unconnected, an internal 5k
Ω pulldown resistor
to ground will commit the output of the receiver
to a HIGH state.
Figure 6. Interface Circuitry Controlled by
Microprocessor Supervisory Circuit
SP3249E
3
1
4
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1
µF
0.1
µF
0.1
µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1
µF
0.1
µF
VCC
2
5k
Ω
5k
Ω
5k
Ω
24
23
22
21
20
18
5
6
7
8
9
11
RS-232
OUTPUTS
RS-232
INPUTS
T
1IN
R
1OUT
R
1IN
T
2OUT
T
2IN
T
3IN
T
3OUT
T
1OUT
R
2IN
R
3IN
R
2OUT
R
3OUT
UART
or
Serial
µC
TxD
RTS
DTR
RxD
CTS
DSR
DCD
RI
19
17
10
12
T
4OUT
T
4IN
T
5IN
T
5OUT
13
15
14
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com