Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3249ECA Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3249ECA
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3249ECA Datasheet(HTML) 4 Page - Sipex Corporation

  SP3249ECA Datasheet HTML 1Page - Sipex Corporation SP3249ECA Datasheet HTML 2Page - Sipex Corporation SP3249ECA Datasheet HTML 3Page - Sipex Corporation SP3249ECA Datasheet HTML 4Page - Sipex Corporation SP3249ECA Datasheet HTML 5Page - Sipex Corporation SP3249ECA Datasheet HTML 6Page - Sipex Corporation SP3249ECA Datasheet HTML 7Page - Sipex Corporation SP3249ECA Datasheet HTML 8Page - Sipex Corporation SP3249ECA Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Rev.4/08/02
SP3249E Intelligent +3.0V to +5.5V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
4
Table 1. Device Pin Description
PIN DESCRIPTION
E
M
A
NN
O
I
T
C
N
U
F
N
I
P
.
O
N.
O
N .
O
N .
O
N.
O
N
+
2
C.
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
g
n
i
t
r
e
v
n
i
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
i
s
o
P
1
D
N
G.
d
n
u
o
r
G
2
-
2
C.
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
g
n
i
t
r
e
v
n
i
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
a
g
e
N
3
-
V.
p
m
u
p
e
g
r
a
h
c
e
h
t
y
b
d
e
t
a
r
e
n
e
g
t
u
p
t
u
o
V
5
.
5
-
d
e
t
a
l
u
g
e
R
4
T
1
T
U
O.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
5
T
2
T
U
O.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
6
T
3
T
U
O.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
7
R
1 N
I.
t
u
p
n
i
r
e
v
i
e
c
e
r
2
3
2
-
S
R
8
R
2 N
I.
t
u
p
n
i
r
e
v
i
e
c
e
r
2
3
2
-
S
R
9
T
4
T
U
O.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
0
1
R
3 N
I.
t
u
p
n
i
r
e
v
i
e
c
e
r
2
3
2
-
S
R
1
1
T
5
T
U
O.
t
u
p
t
u
o
r
e
v
i
r
d
2
3
2
-
S
R
2
1
T
5 N
I.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
3
1
R
3
T
U
O.
t
u
p
t
u
o
r
e
v
i
e
c
e
r
S
O
M
C
/
L
T
T
4
1
T
4 N
I.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
5
1
R
2
T
U
O.
t
u
p
t
u
o
r
e
v
i
e
c
e
r
S
O
M
C
/
L
T
T
6
1
R
1
T
U
O.
t
u
p
t
u
o
r
e
v
i
e
c
e
r
S
O
M
C
/
L
T
T
7
1
T
3 N
I.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
8
1
T
2 N
I.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
9
1
T
1 N
I.
t
u
p
n
i
r
e
v
i
r
d
S
O
M
C
/
L
T
T
0
2
-
1
C
.
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
r
e
l
b
u
o
d
e
g
a
t
l
o
v
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
a
g
e
N
1
2
V
C
C
.
e
g
a
t
l
o
v
y
l
p
p
u
s
V
5
.
5
+
o
t
V
0
.
3
+
2
2
+
V.
p
m
u
p
e
g
r
a
h
c
e
h
t
y
b
d
e
t
a
r
e
n
e
g
t
u
p
t
u
o
V
5
.
5
+
d
e
t
a
l
u
g
e
R
3
2
+
1
C
.
r
o
t
i
c
a
p
a
c
p
m
u
p
-
e
g
r
a
h
c
r
e
l
b
u
o
d
e
g
a
t
l
o
v
e
h
t
f
o
l
a
n
i
m
r
e
t
e
v
i
t
i
s
o
P
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com