Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3249ECA Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3249ECA
Description  Intelligent 3.0V to 5.5V RS-232 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3249ECA Datasheet(HTML) 5 Page - Sipex Corporation

  SP3249ECA Datasheet HTML 1Page - Sipex Corporation SP3249ECA Datasheet HTML 2Page - Sipex Corporation SP3249ECA Datasheet HTML 3Page - Sipex Corporation SP3249ECA Datasheet HTML 4Page - Sipex Corporation SP3249ECA Datasheet HTML 5Page - Sipex Corporation SP3249ECA Datasheet HTML 6Page - Sipex Corporation SP3249ECA Datasheet HTML 7Page - Sipex Corporation SP3249ECA Datasheet HTML 8Page - Sipex Corporation SP3249ECA Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Rev.4/08/02
SP3249E Intelligent +3.0V to +5.5V RS-232 Transceivers
© Copyright 2002 Sipex Corporation
Figure 5. SP3249E Typical Operating Circuit
Figure 4. SP3249E Pinout Configuration
T4IN
1
2
3
4
5
6
7
24
23
22
C2-
V-
R1IN
R2IN
R3IN
C2+
C1-
GND
VCC
V+
T1IN
8
9
10
11
18
19
20
21
12
17
T1OUT
T2OUT
T3OUT
T3IN
T2IN
T5IN
R3OUT
R2OUT
R1OUT
SP3249E
C1+
T4OUT
T5OUT
16
15
14
13
SP3249E
24
21
3
1
23
4
22
GND
C1+
C1-
C2+
C2-
V+
V-
VCC
0.1
µF
0.1
µF
0.1
µF
+
C2
C5
C1
+
+
C3
C4
+
+
0.1
µF
0.1
µF
VCC
2
5k
Ω
5k
Ω
5k
Ω
17
16
14
8
9
11
RS-232
INPUTS
TTL/CMOS
OUTPUTS
R
1OUT
R
1IN
R
2IN
R
3IN
R
2OUT
R
3OUT
20
19
18
5
6
7
RS-232
OUTPUTS
TTL/CMOS
INPUTS
T
1IN
T
2OUT
T
2IN
T
3IN
T
3OUT
T
1OUT
15
13
10
12
T
4OUT
T
4IN
T
5IN
T
5OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com