Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD10-1R0-R Datasheet (PDF) - Skyworks Solutions Inc.

SD10-1R0-R Datasheet PDF - Skyworks Solutions Inc.
Part # SD10-1R0-R
Download  SD10-1R0-R Download
File Size   2053.5 Kbytes
Page   17 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 1.5A Single Flash LED Driver IC

SD10-1R0-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SD10-1R0-R Datasheet PDF - Skyworks Solutions Inc.

Part # SD10-1R0-R
Download  SD10-1R0-R Click to download

File Size   2053.5 Kbytes
Page   17 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 1.5A Single Flash LED Driver IC

SD10-1R0-R Datasheet (HTML) - Skyworks Solutions Inc.




Similar Part No. - SD10-1R0-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD10-1R0-R COOPER-SD10-1R0-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD10-1R0-R COOPER-SD10-1R0-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD10-1R0-R COOPER-SD10-1R0-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
logo
Eaton All Rights Reserv...
SD10-1R0-R EATON-SD10-1R0-R Datasheet
746Kb / 9P
Low profile metalized shielded drum core power inductors
More results


Similar Description - SD10-1R0-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3639A TI-LM3639A Datasheet
518Kb / 28P
Single Chip 40V Backlight 1.5A Flash LED Driver
logo
Integrated Silicon Solu...
IS31BL3233A ISSI-IS31BL3233A Datasheet
456Kb / 13P
2MHz, 1.5A FLASH/TORCH LED DRIVER
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
logo
Eutech Microelectronics...
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Shanghai Consonance Ele...
CN5711 CONSONANCE-CN5711 Datasheet
167Kb / 8P
1.5A High Brightness LED Driver IC
logo
Shanghai awinic technol...
AW3643 AWINIC-AW3643 Datasheet
2Mb / 39P
High Efficiency, Dual 1.5A Flash LED Driver
AW3644 AWINIC-AW3644 Datasheet
2Mb / 37P
High Efficiency, Dual Independent 1.5A Flash LED Driver
AW3648 AWINIC-AW3648 Datasheet
2Mb / 37P
High Efficiency, 1.5A Flash LED Driver
AW36413 AWINIC-AW36413 Datasheet
2Mb / 37P
High Efficiency, Dual 1.5A Flash LED Driver
AW36414 AWINIC-AW36414 Datasheet
2Mb / 39P
High Efficiency, Dual Independent 1.5A Flash LED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com