Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD10-1R0-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SD10-1R0-R
Description  1.5A Single Flash LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD10-1R0-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SD10-1R0-R Datasheet HTML 1Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 2Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 3Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 4Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 5Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 6Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 7Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 8Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
3
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions
specified is not implied.
2. Mounted on an FR4 board.
3. Derate 20mW/°C above 25°C.
Absolute Maximum Ratings1
TA = 25°C unless otherwise noted.
Symbol
Description
Value
Units
IN, OUT, SW
Maximum Rating
-0.3 to 6.0
V
EN/SET, FLEN,
FLINH, RSET, FL
Maximum Rating
-0.3 to VIN + 0.3
TJ
Operating Junction Temperature Range
-40 to 150
C
TS
Storage Temperature Range
-65 to 150
TLEAD
Maximum Soldering Temperature (at Leads, 10 sec)
300
Thermal Information2
Symbol
Description
Value
Units
JA
Thermal Resistance3
50
O
C/W
PD
Maximum Power Dissipation
2
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com