Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD10-1R0-R Datasheet(PDF) 14 Page - Skyworks Solutions Inc.

Part # SD10-1R0-R
Description  1.5A Single Flash LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD10-1R0-R Datasheet(HTML) 14 Page - Skyworks Solutions Inc.

Back Button SD10-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 10Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 11Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 12Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 13Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 14Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 15Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 16Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 17Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
14
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
C2
2.2μF
C1
2.2μF
R1
133k
D1
DC+
VOUT
0
JP1
VDD
1
GP5
2
GP4
3
GP3
4
GP2
5
GP1
6
GP0
7
VSS
8
U2
PIC12F675
C3
1μF
R4
100k
(opt)
R8
330
LED1
RED
1
2
3
4
5
0
SW4
FLINH
1
2
3
4
5
0
SW1
Movie Mode Control
R5
10K
LED2
GRN
R9
330
DC-
0
JP2
R2
100K
JP4
10k
R3
JP5
EN/SET
JP3
MCU
1
2
3
4
5
0
SW2
Flash Movie Mode
R6
10K
R7
10K
L1
CooperBussmann SD3812-1R0-R, 1μH, 2.69A, 48mΩ
C1, C2
Murata GRM188R71A225KE15 2.2μF, 0603, X7R, 10V
D1
Lumiled LXCL-PWF4 or equivalent
1uH
L1
AGND
5
AGND
1
IN
6
OUT
8
EN/SET
2
FL
3
PGND
7
FLEN
4
N/C
9
SW
10
FLINH
11
N/C
12
FLGND
13
RSET
14
U1
AAT1274 TDFN33-14
C4
220μF
1
2
3
4
5
0
SW3
FLEN
R10
100k
Figure 2: AAT1274 Evaluation Board Schematic.
Figure 3: AAT1274 Evaluation Board
Figure 4: AAT1274 Evaluation Board
Top Side Layout.
Bottom Side Layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com