Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD10-1R0-R Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SD10-1R0-R
Description  1.5A Single Flash LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD10-1R0-R Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button SD10-1R0-R Datasheet HTML 2Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 3Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 4Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 5Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 6Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 7Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 8Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
6
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
Typical Characteristics
Movie Mode LED Current Accuracy vs. Input Voltage
(IFL = 206mA; L = 1µH)
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
-10
-8
-6
-4
-2
0
2
4
6
8
10
Movie Mode Output Ripple
(IFL = 206mA; VIN = 3.6V; L = 1µH)
Time (500ns/div)
VOUT
(AC Coupled)
(50mV/div)
IINDUCTOR
(100mA/div)
VINDUCTOR
(2V/div)
100mA
0V
Flash Mode Output Ripple
(IFL = 1.5A; VIN = 4V; L = 1µH)
Time (200ns/div)
VOUT
(AC Coupled)
(50mV/div)
IINDUCTOR
(50mA/div)
VINDUCTOR
(2V/div)
1.65A
0V
Flash LED Current vs. Temperature
(IFL = 1.5A; VIN = 4.2V; L = 1µH)
Temperature (°C)
-40
-15
10
35
60
85
1420
1440
1460
1480
1500
1520
1540
1560
1580
Flash On Time Delay vs. Input Voltage
(IFL = 1.5A; COUT = 2.2µF; L = 1µH)
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0
10
20
30
40
50
60
70
80
-40°C
25°C
85°C
Movie Mode Line Transient
(IFL = 206mA; VIN = 4.2V to 3.6V)
Time (50µs/div)
IFL
(AC Coupled)
(50mA/div)
VIN
(500mV/div)
4.2V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com