Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD10-1R0-R Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SD10-1R0-R
Description  1.5A Single Flash LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD10-1R0-R Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SD10-1R0-R Datasheet HTML 1Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 2Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 3Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 4Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 5Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 6Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 7Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 8Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
Typical Characteristics
Flash Mode Efficiency vs. Input Voltage
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
40
50
60
70
80
90
100
320mA, VF = 2.91V
540mA, VF = 3.00V
700mA, VF = 3.04V
900mA, VF = 3.04V
1500mA, VF = 3.15V
1200mA, VF = 3.27V
Movie Mode Efficiency vs. Input Voltage
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
50
55
60
65
70
75
80
85
90
204mA
104mA
52mA
Boost Switching Frequency vs. Input Voltage
(Movie Mode; L = 1µH)
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0
0.5
1
1.5
2
2.5
3
85°C
25°C
-40°C
Shutdown Current vs. Input Voltage
(VEN/SET = VFLEN = 0V)
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0
0.005
0.01
0.015
0.02
0.025
0.03
25°C
-40°C
Supply Current vs. Input Voltage
(VEN = VFLEN = 3.6V)
Input Voltage (V)
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
0
100
200
300
400
500
600
700
800
900
1000
85°C
25°C
-40°C
Movie Mode LED Current vs. Temperature
(IFL = 206mA/Ch; VIN = 3.6V; L = 1µH)
Temperature (°C)
-40
-15
10
35
60
85
185
190
195
200
205
210
215
220
225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com