Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD10-1R0-R Datasheet(PDF) 12 Page - Skyworks Solutions Inc.

Part # SD10-1R0-R
Description  1.5A Single Flash LED Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SD10-1R0-R Datasheet(HTML) 12 Page - Skyworks Solutions Inc.

Back Button SD10-1R0-R Datasheet HTML 8Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 9Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 10Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 11Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 12Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 13Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 14Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 15Page - Skyworks Solutions Inc. SD10-1R0-R Datasheet HTML 16Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
AAT1274
1.5A Single Flash LED Driver IC
DATA SHEET
12
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201981A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 21, 2012
* Denotes the default value.
Address 0 controls precise movie mode current levels.
The movie mode current can be adjusted in a logarithmic
fashion to one of 16 steps represented as a fraction of
the maximum movie mode current in Table 2. On initial
EN, the movie-mode output immediately supplies 100%
of the set movie-mode current.
Data
Percentage of Maximum MM Current
1*
100%
2
89%
3
79%
4
71%
5
63%
6
56%
7
50%
8
45%
9
40%
10
36%
11
32%
12
28%
13
25%
14
22%
15
20%
16
0%
Table 2: Address 0, Movie Mode (MM)
Current Programming.
Flash to Maximum Movie Mode
Current Ratio – Address 3
The maximum movie mode current is a fixed ratio of the
flash current controlled by Address 3. The ratio may be
varied from 1:2 to OFF in 16 linear steps as shown in
Table 3. The default value for Address 3 is Data = 4 and
represents a flash to maximum movie mode current level
of 1 to 7.3. The default maximum movie mode current
can be calculated:
I
FL(MAX)
7.3
I
MOVIE MODE =
For example, if an RSET value of 107kΩ is chosen, then
the flash current is set to 1500mA. For movie mode
operation, the maximum current available is then:
1500mA
7.3
I
MOVIE MODE =
= 206mA
The maximum movie mode current level can be calcu-
lated using the following equation:
107k
Ω × A
R
SET
1
FL to MM Ratio
I
MOVIE MODE =
=
= Max Movie Mode Current
Data
Flash to Movie Mode Ratio
1½
2
1/3.8
3
1/5.5
4*
1/7.3
5
1/8.9
6
1/10.5
7
1/12.2
8
1/13.8
9
1/14.9
10
1/16.5
11
1/18
12
1/19.6
13
1/21.1
14
1/22.6
15
1/24
16
OFF
Table 3: Address 3, Flash/
Movie Mode Current Ratio.
Shutdown
Since the flash current sink is the only power returns for
the flash LED loads, there is no leakage current to load
if all the sink switches are disabled. When the EN/SET
pin is held low for an amount of time greater than tOFF
(500μs), the AAT1274 flash boost converter section
enters shutdown mode and draws less than 1μA from the
input power source. All data and address registers for
the flash and/or movie mode are cleared (reset to 0)
during shutdown.
Selecting the Boost Inductor
The AAT1274 controller utilizes PWM control and the
switching frequency is fixed. To maintain 2MHz maximum
switching frequency and stable operation, a 1μH inductor
is recommended. Manufacturer’s specifications list both
the inductor DC current rating, which is a thermal limita-
tion, and peak inductor current rating, which is deter-
mined by the saturation characteristics. Measurements at
full load and high ambient temperature should be per-
formed to ensure that the inductor does not saturate or
exhibit excessive temperature rise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com