Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB891 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB891 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB891
Download  2SB891 Download
File Size   106.12 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Collector Current -IC= -2A

2SB891 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB891 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB891
Download  2SB891 Click to download

File Size   106.12 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description High Collector Current -IC= -2A

2SB891 Datasheet (HTML) - Inchange Semiconductor Company Limited




Similar Part No. - 2SB891

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB891 ROHM-2SB891 Datasheet
276Kb / 3P
LOW FREQ. POWER AMP. EPITAXIAL PLANAR PNP SILICON TRANSISTOR
2SB891F ROHM-2SB891F Datasheet
538Kb / 11P
MEDIUM POWER TRANSISTOR(-32V, -2A)
2SB891F ROHM-2SB891F Datasheet
124Kb / 4P
Medium Power Transistor (32V, 2A)
logo
Savantic, Inc.
2SB891F SAVANTIC-2SB891F Datasheet
105Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SB891F ISC-2SB891F Datasheet
148Kb / 3P
Silicon PNP Power Transistors
More results


Similar Description - 2SB891

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB923 ISC-2SB923 Datasheet
83Kb / 2P
High Collector Current:: IC= -20A
2N5430 ISC-2N5430 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N5428 ISC-2N5428 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N2219A ISC-2N2219A Datasheet
96Kb / 2P
Collector Current- IC= 0.8A
2SD1163A ISC-2SD1163A Datasheet
134Kb / 2P
Collector Current: IC= 7A
2SD879 ISC-2SD879 Datasheet
142Kb / 2P
High Collector Current-IC= 3.0A
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
BCX55 SKTECHNOLGY-BCX55 Datasheet
405Kb / 2P
High Collector Current
BCP56 SKTECHNOLGY-BCP56 Datasheet
669Kb / 3P
High Collector Current
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com