Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5428 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N5428 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N5428
Download  2N5428 Download
File Size   188.77 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Contunuous Collector Current-IC= 7A

2N5428 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5428 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N5428
Download  2N5428 Click to download

File Size   188.77 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Contunuous Collector Current-IC= 7A

2N5428 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N5428 Product details

DESCRIPTION
• Contunuous Collector Current-IC= 7A
• Low Collector-Emitter Saturation Voltage- : VCE(sat)= 1.2V(Max) @IC= 7A
• Wide Area of Safe Operation

APPLICATIONS
• Designed for switching and wide-band amplifier applications.




Similar Part No. - 2N5428

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N5428 MOSPEC-2N5428 Datasheet
132Kb / 3P
POWER TRANSISTORS(7A,40W)
logo
Central Semiconductor C...
2N5428 CENTRAL-2N5428 Datasheet
51Kb / 1P
Power Transistors
logo
Savantic, Inc.
2N5428 SAVANTIC-2N5428 Datasheet
147Kb / 4P
Silicon NPN Power Transistors
logo
Seme LAB
2N5428 SEME-LAB-2N5428 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO66
logo
New Jersey Semi-Conduct...
2N5428 NJSEMI-2N5428 Datasheet
176Kb / 1P
COLLECTOR EMITTER VOLTAGE
More results


Similar Description - 2N5428

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB883 ISC-2SB883 Datasheet
84Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -7A
2SB891 ISC-2SB891 Datasheet
106Kb / 2P
High Collector Current -IC= -2A
2SB923 ISC-2SB923 Datasheet
83Kb / 2P
High Collector Current:: IC= -20A
2N5430 ISC-2N5430 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N2219A ISC-2N2219A Datasheet
96Kb / 2P
Collector Current- IC= 0.8A
2SD1163A ISC-2SD1163A Datasheet
134Kb / 2P
Collector Current: IC= 7A
2SD879 ISC-2SD879 Datasheet
142Kb / 2P
High Collector Current-IC= 3.0A
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
BCX55 SKTECHNOLGY-BCX55 Datasheet
405Kb / 2P
High Collector Current
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com