Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2219A Datasheet (PDF) - Inchange Semiconductor Company Limited

2N2219A Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N2219A
Download  2N2219A Download
File Size   96.16 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Collector Current- IC= 0.8A

2N2219A Datasheet (PDF)

Go To PDF Page Download Datasheet
2N2219A Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N2219A
Download  2N2219A Click to download

File Size   96.16 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Collector Current- IC= 0.8A

2N2219A Datasheet (HTML) - Inchange Semiconductor Company Limited


2N2219A Product details

DESCRIPTION
• Collector Current- IC= 0.8A
• Collector-Emitter Breakdown Voltage- : V(BR)CEO= 40V(Min)

APPLICATIONS
• Designed for general-purpose switching and linear amplification.




Similar Part No. - 2N2219A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N2219A PHILIPS-2N2219A Datasheet
55Kb / 8P
NPN switching transistors
1997 Sep 03
logo
STMicroelectronics
2N2219A STMICROELECTRONICS-2N2219A Datasheet
73Kb / 8P
HIGH SPEED SWITCHES
Jun-1999
logo
Semicoa Semiconductor
2N2219A SEMICOA-2N2219A Datasheet
29Kb / 1P
Chip Type 2C2222A Geometry 0400 Polarity NPN
2N2219A SEMICOA-2N2219A Datasheet
60Kb / 2P
Type 2N2219A Geometry 0400 Polarity NPN
logo
Siemens Semiconductor G...
2N2219A SIEMENS-2N2219A Datasheet
155Kb / 6P
NPN Silicon Planar Transistors
More results


Similar Description - 2N2219A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB891 ISC-2SB891 Datasheet
106Kb / 2P
High Collector Current -IC= -2A
2SB923 ISC-2SB923 Datasheet
83Kb / 2P
High Collector Current:: IC= -20A
2N5430 ISC-2N5430 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N5428 ISC-2N5428 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2SD1163A ISC-2SD1163A Datasheet
134Kb / 2P
Collector Current: IC= 7A
2SD879 ISC-2SD879 Datasheet
142Kb / 2P
High Collector Current-IC= 3.0A
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
BCX55 SKTECHNOLGY-BCX55 Datasheet
405Kb / 2P
High Collector Current
BCP56 SKTECHNOLGY-BCP56 Datasheet
669Kb / 3P
High Collector Current
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com