Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1163A Datasheet (PDF) - Inchange Semiconductor Company Limited

2SD1163A Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SD1163A
Download  2SD1163A Download
File Size   134.34 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Collector Current: IC= 7A

2SD1163A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1163A Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SD1163A
Download  2SD1163A Click to download

File Size   134.34 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Collector Current: IC= 7A

2SD1163A Datasheet (HTML) - Inchange Semiconductor Company Limited


2SD1163A Product details

DESCRIPTION
• With TO-220 package
• Low collector saturation voltage

APPLICATIONS
• TV horizontal deflection output,




Similar Part No. - 2SD1163A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1163A HITACHI-2SD1163A Datasheet
32Kb / 6P
Silicon NPN Triple Diffused
logo
List of Unclassifed Man...
2SD1163A ETC1-2SD1163A Datasheet
55Kb / 2P
Power Bipolar Transistors
logo
Renesas Technology Corp
2SD1163A RENESAS-2SD1163A Datasheet
147Kb / 7P
Silicon NPN Triple Diffused
logo
Savantic, Inc.
2SD1163A SAVANTIC-2SD1163A Datasheet
97Kb / 3P
Silicon NPN Power Transistors
logo
Thinki Semiconductor Co...
2SD1163A THINKISEMI-2SD1163A Datasheet
399Kb / 2P
NPN Silicon Epitaxial Power Transistor
More results


Similar Description - 2SD1163A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB883 ISC-2SB883 Datasheet
84Kb / 2P
High DC Current Gain- : hFE = 2000(Min)@ IC= -7A
2SB891 ISC-2SB891 Datasheet
106Kb / 2P
High Collector Current -IC= -2A
2SB923 ISC-2SB923 Datasheet
83Kb / 2P
High Collector Current:: IC= -20A
2N5430 ISC-2N5430 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N5428 ISC-2N5428 Datasheet
188Kb / 2P
Contunuous Collector Current-IC= 7A
2N2219A ISC-2N2219A Datasheet
96Kb / 2P
Collector Current- IC= 0.8A
2SD879 ISC-2SD879 Datasheet
142Kb / 2P
High Collector Current-IC= 3.0A
logo
SHIKUES Electronics
BCW66 SKTECHNOLGY-BCW66 Datasheet
489Kb / 2P
High Collector Current
BCX54 SKTECHNOLGY-BCX54 Datasheet
405Kb / 2P
High Collector Current
BCX55 SKTECHNOLGY-BCX55 Datasheet
405Kb / 2P
High Collector Current
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com