Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32A Datasheet (PDF) - Diotec Semiconductor

TIP32A Datasheet PDF - Diotec Semiconductor
Part # TIP32A
Download  TIP32A Download
File Size   36.88 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial PlanarTransistors

TIP32A Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP32A Datasheet PDF - Diotec Semiconductor

Part # TIP32A
Download  TIP32A Click to download

File Size   36.88 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Si-Epitaxial PlanarTransistors

TIP32A Datasheet (HTML) - Diotec Semiconductor


TIP32A Product details

General Purpose Silicon Power Transistors

• Max. power dissipation with cooling   40 W
• Collector current                                    3 A
• Plastic case                                   TO-220AB
• Weight approx.                                    2.2 g
• Plastic material has UL classification 94V-0
• Standard packaging in tubes




Similar Part No. - TIP32A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32A MOSPEC-TIP32A Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP32A MOTOROLA-TIP32A Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP32A ONSEMI-TIP32A Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP32A POINN-TIP32A Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP32A STMICROELECTRONICS-TIP32A Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results


Similar Description - TIP32A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP31 DIOTEC-TIP31 Datasheet
36Kb / 2P
Si-Epitaxial PlanarTransistors
TIP120A DIOTEC-TIP120A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
2N3905 DIOTEC-2N3905 Datasheet
99Kb / 2P
Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
BC337 DIOTEC-BC337 Datasheet
140Kb / 2P
Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com