Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP32A Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # TIP32A
Description  Si-Epitaxial PlanarTransistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

TIP32A Datasheet(HTML) 1 Page - Diotec Semiconductor

  TIP32A Datasheet HTML 1Page - Diotec Semiconductor TIP32A Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid, if leads are kept at ambient temperature at a distance of 5 mm from case
Gültig, wenn die Anschlußdrähte in 5 mm Abstand von Gehäuse auf Umgebungstemperatur gehalten werden
28
TIP32, TIP32A ... C
General Purpose Transistors
PNP
Si-Epitaxial PlanarTransistors
PNP
Version 2004-06-29
Collector current – Kollektorstrom
3 A
Plastic case
TO-220AB
Kunststoffgehäuse
Weight approx. – Gewicht ca.
2.2 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
1 = B
2 = C
3 = E
Standard packaging in tubes
Standard Lieferform in Stangen
Maximum ratings (T
A = 25°C)
Grenzwerte (T
A = 25°C)
TIP32
TIP32A
TIP32B
TIP32C
Collector-Emitter-voltage
B open
- V
CE0
40 V
60 V
80 V
100 V
Collector-Emitter-voltage
B shorted - V
CES
40 V
60 V
80 V
100 V
Emitter-Base-voltage
C open
- V
EB0
5 V
Power dissipation – Verlustleistung
without cooling – ohne Kühlung
P
tot
2 W
1)
with cooling – mit Kühlung
T
C =25°C
P
tot
40 W
Collector current – Kollektorstrom
- I
C
3 A (dc)
Peak Collector current
Kollektor-Spitzenstrom
- I
CM
5 A
Base current – Basisstrom
- I
B
1 A
Junction temp. – Sperrschichttemp.
T
j
150°C
Storage temp. – Lagerungstemperatur
T
S
- 65…+ 150°C
Characteristics, T
j = 25°C
Kennwerte, T
j = 25°C
Min.
Typ.
Max.
Collector saturation volt. – Kollektor-Sättigungsspannung
- I
C = 3 A, - IB = 375 mA
- V
CEsat
–
–
1.2 V
Base-Emitter voltage – Basis-Emitter-Spannung
- V
CE = 4 V, - IC = 3 A
- V
BEon
–
–
1.8
DC current gain – Kollektor-Basis-Stromverhältnis
- V
CE = 4 V, - IC = 1 A
- V
CE = 4 V, - IC = 3 A
h
FE
h
FE
25
10
–
–
–
50


Similar Part No. - TIP32A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP32A MOSPEC-TIP32A Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP32A MOTOROLA-TIP32A Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP32A ONSEMI-TIP32A Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP32A POINN-TIP32A Datasheet
86Kb / 6P
PNP SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP32A STMICROELECTRONICS-TIP32A Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP32A

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
TIP31 DIOTEC-TIP31 Datasheet
36Kb / 2P
Si-Epitaxial PlanarTransistors
TIP120A DIOTEC-TIP120A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
TIP125A DIOTEC-TIP125A Datasheet
49Kb / 2P
Si-Epitaxial PlanarTransistors
2N3903 DIOTEC-2N3903 Datasheet
98Kb / 2P
Si-Epitaxial PlanarTransistors
2N3905 DIOTEC-2N3905 Datasheet
99Kb / 2P
Si-Epitaxial PlanarTransistors
2N4402 DIOTEC-2N4402 Datasheet
97Kb / 2P
Si-Epitaxial PlanarTransistors
BC327 DIOTEC-BC327 Datasheet
143Kb / 2P
Si-Epitaxial PlanarTransistors
BC337 DIOTEC-BC337 Datasheet
140Kb / 2P
Si-Epitaxial PlanarTransistors
BC546 DIOTEC-BC546 Datasheet
148Kb / 2P
Si-Epitaxial PlanarTransistors
BC556 DIOTEC-BC556 Datasheet
144Kb / 2P
Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com