Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC546LP2E Datasheet (PDF) - Analog Devices

HMC546LP2E Datasheet PDF - Analog Devices
Part # HMC546LP2E
Download  HMC546LP2E Download
File Size   251.57 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz

HMC546LP2E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC546LP2E Datasheet PDF - Analog Devices

Part # HMC546LP2E
Download  HMC546LP2E Click to download

File Size   251.57 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 W, Failsafe, GaAs, SPDT Switch 0.2 GHz to 2.7 GHz

HMC546LP2E Datasheet (HTML) - Analog Devices




Similar Part No. - HMC546LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC546LP2E HITTITE-HMC546LP2E Datasheet
399Kb / 10P
GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546LP2E HITTITE-HMC546LP2E Datasheet
284Kb / 8P
GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
More results


Similar Description - HMC546LP2E

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWS5532R ANADIGICS-AWS5532R Datasheet
321Kb / 12P
0.5 to 2.5 GHz 10 W SPDT Switch
Rev 1.3
logo
Hittite Microwave Corpo...
HMC546LP2 HITTITE-HMC546LP2 Datasheet
399Kb / 10P
GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
logo
M/A-COM Technology Solu...
MASWSS0204 MA-COM-MASWSS0204 Datasheet
110Kb / 3P
GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
logo
Hittite Microwave Corpo...
HMC546LP2 HITTITE-HMC546LP2_10 Datasheet
284Kb / 8P
GaAs MMIC 10W FAILSAFE SWITCH 0.2 - 2.7 GHz
HMC546MS8G HITTITE-HMC546MS8G_10 Datasheet
436Kb / 12P
GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
logo
Analog Devices
HMC221B AD-HMC221B Datasheet
265Kb / 9P
GaAs, MMIC, SPDT Switch, 10 kHz to 3 GHz
REV. A
logo
Guerrilla RF, Inc.
GRF6011 GUERRILLA-GRF6011 Datasheet
823Kb / 14P
SPDT Failsafe Switch 0.1 ??6.0 GHz
logo
Analog Devices
HMC347B AD-HMC347B Datasheet
208Kb / 10P
GaAs, SPDT Switch, Nonreflective, 0.1 GHz to 20 GHz
4/2020-Rev. D to Rev. E
HMC546MS8G AD-HMC546MS8G Datasheet
801Kb / 12P
GaAs MMIC 20W FAILSAFE SWITCH 0.2 - 2.2 GHz
ADRF5144 AD-ADRF5144 Datasheet
556Kb / 12P
10 W Average, Silicon SPDT, Reflective Switch, 1 GHz to 20 GHz
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com