Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2Y Datasheet (PDF) - Nais(Matsushita Electric Works)

DS2Y Datasheet PDF - Nais(Matsushita Electric Works)
Part # DS2Y
Download  DS2Y Download
File Size   57.27 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 2 Form C contact High sensitivity-200 mW nominal operating power

DS2Y Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2Y Datasheet PDF - Nais(Matsushita Electric Works)

Part # DS2Y
Download  DS2Y Click to download

File Size   57.27 Kbytes
Page   3 Pages
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)
Description 2 Form C contact High sensitivity-200 mW nominal operating power

DS2Y Datasheet (HTML) - Nais(Matsushita Electric Works)


DS2Y Product details

FEATURES
• 2 Form C contact
• High sensitivity-200 mW nominal operating power
• High breakdown voltage
    1500 V FCC surge between open contacts
• DIP-2C type matching 16 pin IC socket
• Sealed construction

TYPICAL APPLICATIONS
• Telecommunication equipment
• Office equipment
• Computer peripherals
• Security alarm systems
• Medical equipment




Similar Part No. - DS2Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DS2Y-S-DC12V PANASONIC-DS2Y-S-DC12V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
DS2Y-S-DC24V PANASONIC-DS2Y-S-DC24V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
DS2Y-S-DC3V PANASONIC-DS2Y-S-DC3V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
DS2Y-S-DC48V PANASONIC-DS2Y-S-DC48V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
DS2Y-S-DC5V PANASONIC-DS2Y-S-DC5V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
More results


Similar Description - DS2Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
HY1-3V PANASONIC-HY1-3V Datasheet
79Kb / 4P
Non-polarized 1 Form C relay that realizes nominal operating power of 150 mW
TXS2-3V PANASONIC-TXS2-3V Datasheet
3Mb / 7P
Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Nais(Matsushita Electri...
DS2YE-S-DC5V NAIS-DS2YE-S-DC5V Datasheet
317Kb / 3P
2 FORM C-200 mW SENSITIVE MINIATURE RELAY 1500 V FCC SURGE WITHSTAND
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
High Sensitivity, with 100mW nominal operating power
HY PANASONICBATTERY-HY Datasheet
84Kb / 4P
Non-polarized 1 Form C relay that realizes nominal operating power of 150 mW
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
2 Form C configuration
logo
Ningbo Tianbo Ganglian ...
TRA5 TIANBO-TRA5 Datasheet
1Mb / 3P
2 form A contact arrangements
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com