Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2Y Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # DS2Y
Description  2 Form C contact High sensitivity-200 mW nominal operating power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DS2Y Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  DS2Y Datasheet HTML 1Page - Nais(Matsushita Electric Works) DS2Y Datasheet HTML 2Page - Nais(Matsushita Electric Works) DS2Y Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS2Y
197
REFERENCE DATA
1. Maximum switching capacity
2-(1) Coil temperature rise (Single side stable)
Tested sample: DS2Y-S-DC12V, 5 pcs.
Measured portion: Inside the coil
Ambient temperature: 21
°C to 25°C 70°F to 77°F
2-(2) Coil temperature rise 2 coil latching
Tested sample: DS2Y-SL2-DC12V, 5 pcs.
Measured portion: Inside the coil
Ambient temperature: 21
°C to 25°C 70°F to 77°F
Switching current
1,000 V
100 V
10 V
10 mA
10
µA
100 mA
1 A
Coil applied voltage, %V
30
100
110
3 A
2 A
0 A
20
Coil applied voltage, %V
Set coil
Reset coil
30
100
0
110
0 A
2 A
3 A
20
3. Operate/release time for single side stable
(Without diode)
Tested sample: DS2Y-S-DC12V, 10 pcs.
Ambient temperature: 20
°C 68°F
4-(1) Influence of adjacent mounting
Tested sample: DS2Y-S-DC12V, 10 pcs.
Ambient temperature: 20
°C 68°F
TEST METHOD
1. Apply nominal voltage to No. (1) and (3) DS2Y
relays.
2. Measure pick-up voltage and drop-out voltage of
No. (2) relay when inter-relay distance ( ) changes.
4-(2) Influence of adjacent mounting
Tested sample: DS2Y-S-DC12V, 10 pcs.
Ambient temperature: 20
°C 68 ° F
TEST METHOD
1. Apply nominal voltage to No. (1) and (3) DS2Y
relays.
2. Measure pick-up voltage and drop-out voltage of
No. (2) relay when inter-relay distance ( ) changes.
Coil applied voltage, %V
Mean value
Mean value
5
4
3
2
1
80
0
100
120
Operate time
Release time
Inter-relay distance, mm inch
10
8
6
4
2
0
5
.197
10
.394
15
.591
Pick-up voltage
Drop-out voltage
(1)
OFF
(2)
(3)
OFF
ON
ON
OFF
OFF
ON
ON
Inter-relay distance, mm inch
10
8
6
4
2
0
5
.197
10
.394
15
.591
Pick-up voltage
Drop-out voltage
(1)
OFF
(2)
(3)
OFF
ON
ON
OFF
OFF
ON
ON
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com