Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2Y Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # DS2Y
Description  2 Form C contact High sensitivity-200 mW nominal operating power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DS2Y Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  DS2Y Datasheet HTML 1Page - Nais(Matsushita Electric Works) DS2Y Datasheet HTML 2Page - Nais(Matsushita Electric Works) DS2Y Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
195
DS2Y-
RELAYS
MINIATURE RELAY
TESTING
20
.787
9.3
.366
9.9
.390
FEATURES
• 2 Form C contact
• High sensitivity-200 mW nominal operating power
• High breakdown voltage
1500 V FCC surge between open contacts
• DIP-2C type matching 16 pin IC socket
• Sealed construction
SPECIFICATIONS
Contact
Coil (polarized) (at 20
°C 68°F)
Characteristics (at 20
°C 68°F)
FCC (Federal Communication Commission) requests following standard as Break-
down Voltage specification.
Arrangement
2 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
50 m
Ω
Contact material
Gold-clad sliver
Rating
(resistive)
Max. switching power
60 W, 62.5 VA
Max. switching voltage
220 V DC, 250 V AC
Max. switching current
2 A
Max. carrying current
3 A
Expected
life (min.
operations)
Mechanical
1
×108
Electrical
1 A 30 V DC
5
×105
2 A 30 V DC
1
×105
Single side
stable
Minimum operating power
Approx. 98 mW
(147 mW: 48 V)
Nominal operating power
Approx. 200 mW
(300 mW: 48 V)
2 coil
latching
Minimum set and reset power
Approx. 88 mW
(177 mW: 48 V)
Nominal set and reset power
Approx. 180 mW
(360 mW: 48 V)
Initial insulation resistance*1
Min. 100 M
Ω (at 500 V DC)
Initial
breakdown
voltage*2
Between open contacts
750 Vrms
Between contact sets
1,000 Vrms
Between contact and coil
1,000 Vrms
FCC surge voltage
between contacts and coil
1,500 V
Operate time*3 (at nominal voltage)
Approx. 4 ms
Release time*3 (at nominal voltage)
Approx. 3 ms
Set time*3 (latching) (at nominal voltage)
Approx. 3 ms
Reset time*3 (latching) (at nominal voltage)
Approx. 3 ms
Temperature rise
Max. 65
°C with nominal
voltage across coil and at
nominal switching capacity
Shock resistance
Functional*4
Min. 490 m/s2 {50 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration resistance
Functional*6
10 to 55 Hz
at double amplitude of 3.3 mm
Destructive
10 to 55 Hz
at double amplitude of 5 mm
Conditions for operation,
transport and storage*7
(Not freezing and condens-
ing at low temperature)
Ambient
temp.
–40
°C to +70°C
–40
°F to +158°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 4 g .14 oz
160
µs
10
µs
1500V
750V
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "Initial breakdown voltage" section
*2 Detection current: 10mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms, detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7
Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
TYPICAL APPLICATIONS
• Telecommunication equipment
• Office equipment
• Computer peripherals
• Security alarm systems
• Medical equipment
ORDERING INFORMATION
DC12 V
Operating function
L2
Ex DS2Y-S
R
Nil: Single side stable
L2: 2 coil latching
(Note) Standard packing: Carton: 50 pcs. Case: 500 pcs.
Coil voltage
DC 1.5, 3, 5, 6,
9, 12, 24, 48 V
Polarity
Nil: Standard polarity
R: Reverse polarity
mm inch


Similar Part No. - DS2Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DS2Y-S-DC12V PANASONIC-DS2Y-S-DC12V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
DS2Y-S-DC24V PANASONIC-DS2Y-S-DC24V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
DS2Y-S-DC3V PANASONIC-DS2Y-S-DC3V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
DS2Y-S-DC48V PANASONIC-DS2Y-S-DC48V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
DS2Y-S-DC5V PANASONIC-DS2Y-S-DC5V Datasheet
73Kb / 3P
Miniature Relay DS2Y RELAYS
More results

Similar Description - DS2Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
HY1-3V PANASONIC-HY1-3V Datasheet
79Kb / 4P
Non-polarized 1 Form C relay that realizes nominal operating power of 150 mW
TXS2-3V PANASONIC-TXS2-3V Datasheet
3Mb / 7P
Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
AGN2001H PANASONIC-AGN2001H Datasheet
117Kb / 5P
High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Nais(Matsushita Electri...
DS2YE-S-DC5V NAIS-DS2YE-S-DC5V Datasheet
317Kb / 3P
2 FORM C-200 mW SENSITIVE MINIATURE RELAY 1500 V FCC SURGE WITHSTAND
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
High Sensitivity, with 100mW nominal operating power
HY PANASONICBATTERY-HY Datasheet
84Kb / 4P
Non-polarized 1 Form C relay that realizes nominal operating power of 150 mW
logo
Hongfa Technology
HFD27 HONGFA-HFD27_17 Datasheet
59Kb / 3P
2 Form C configuration
logo
Ningbo Tianbo Ganglian ...
TRA5 TIANBO-TRA5 Datasheet
1Mb / 3P
2 form A contact arrangements
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com