Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2Y Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # DS2Y
Description  2 Form C contact High sensitivity-200 mW nominal operating power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DS2Y Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  DS2Y Datasheet HTML 1Page - Nais(Matsushita Electric Works) DS2Y Datasheet HTML 2Page - Nais(Matsushita Electric Works) DS2Y Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS2Y
196
TYPES AND COIL DATA (at 20
°C 68°F)
Single side stable
(Note) Standard packing: Carton: 50 pcs. Case: 500 pcs.
2 coil latching
(Note) Standard packing: Carton: 50 pcs. Case: 500 pcs.
Nominal
voltage,
V DC
Part No.
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal operating
current
mA (
±10%)
Coil resistance,
Ω (±10%)
Nominal
operating
power mW
Maximum allow-
able voltage, V DC
(at 50
°C 122°F )
1.5
DS2Y-S-DC1.5V
1.05
0.15
132.7
11.3
200
3
3
DS2Y-S-DC3V
2.10
0.3
66.7
45
200
6
5
DS2Y-S-DC5V
3.5
0.5
40
125
200
10
6
DS2Y-S-DC6V
4.2
0.6
33.3
180
200
12
9
DS2Y-S-DC9V
6.3
0.9
22.2
405
200
18
12
DS2Y-S-DC12V
8.4
1.2
16.7
720
200
24
24
DS2Y-S-DC24V
16.8
2.4
8.3
2,880
200
48
48
DS2Y-S-DC48V
33.6
4.8
6.3
7,680
300
86
Nominal
voltage,
V DC
Part No.
Reset set,
V DC (max.)
Nominal operating
current mA (
±10%)
Coil resistance,
Ω
(
±10%)
Nominal operating
power, mW
Maximum allow-
able voltage, V DC
(at 50
°C 122°F )
Set
Reset
Set
Reset
Set
Reset
1.5
DS2Y-SL2-DC1.5V
1.05
120
120
12.5
12.5
180
180
3
3
DS2Y-SL2-DC3V
2.1
60
60
50
50
180
180
6
5
DS2Y-SL2-DC5V
3.5
36
36
139
139
180
180
10
6
DS2Y-SL2-DC6V
4.2
30
30
200
200
180
180
12
9
DS2Y-SL2-DC9V
6.3
20
20
450
450
180
180
18
12
DS2Y-SL2-DC12V
8.4
15
15
800
800
180
180
24
24
DS2Y-SL2-DC24V
16.8
7.5
7.5
3,200
3,200
180
180
48
48
DS2Y-SL2-DC48V
33.6
7.5
7.5
6,400
6,400
360
360
72
DIMENSIONS
mm inch
Single side stable
General tolerance:
±0.3 ± .012
5.08
.200
5.08
.200
9.3
.366
20
.787
7.62
.300
0.6
.024
2.0
.078
0.6
.024
0.6
.024
3.4
.134
0.3
.012
5.6
.220
7.62
.300
9.9
.390
PC board pattern (Copper-side view)
Tolerance:
±0.1 ± .004
2.54
.100
2.54
.100
8-0.9 dia
8-.035 dia
7.62
.300
matching 16 pin IC socket
Schematic (Bottom view)
(Deenergized position)
*A polarity bar shows the relay direction.
N.O.
8
Direction indication*
9
N.O.
13
COM
16
–
N.C.
6
COM
4
11
N.C.
+
1
2 coil latching
General tolerance:
±0.3 ± .012
5.08
.200
5.08
.200
9.3
.366
20
.787
0.6
.024
2.0
.078
0.6
.024
0.6
.024
3.4
.134
0.3
.012
5.6
.220
7.62
.300
9.9
.390
5.08
.200 2.54
.100
PC board pattern (Copper-side view)
Tolerance:
±0.1 ± .004
2.54
.100
2.54
.100
10-0.9 dia
10-.035 dia
7.62
.300
matching 16 pin IC socket
Schematic (Bottom view)
(Reset position)
*A polarity bar shows the relay direction.
SET
8
Direction indication*
9
SET
13
COM
15
–
RST
6
COM
4
11
RST
+
2
16
–
+
1
Diagram shows the “reset” posetion when
terminals 2 and 15 are energized. Energize
terminals 1 and 16 to transfer contacts.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com