Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7460 Datasheet (PDF) - International Rectifier

IRF7460 Datasheet PDF - International Rectifier
Part # IRF7460
Download  IRF7460 Download
File Size   220.64 Kbytes
Page   21 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 8-PIN SYNCHRONOUS PWM CONTROLLER

IRF7460 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7460 Datasheet PDF - International Rectifier

Part # IRF7460
Download  IRF7460 Click to download

File Size   220.64 Kbytes
Page   21 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 8-PIN SYNCHRONOUS PWM CONTROLLER

IRF7460 Datasheet (HTML) - International Rectifier


IRF7460 Product details

DESCRIPTION
The IRU3037 controller IC is designed to provide a low cost synchronous Buck regulator for on-board DC to DC converter applications. With the migration of today’s ASIC products requiring low supply voltages such as 1.8V and lower, together with currents in excess of 3A, traditional linear regulators are simply too lossy to be used when input supply is 5V or even in some cases with 3.3V input supply. The IRU3037 together with dual N-channel MOSFETs such as IRF7313, provide a low cost solution for such applications.

FEATURES
■ Synchronous Controller in 8-Pin Package
■ Operating with single 5V or 12V supply voltage
■ Internal 200KHz Oscillator (400KHz for IRU3037A)
■ Soft-Start Function
■ Fixed Frequency Voltage Mode
■ 500mA Peak Output Drive Capability
■ Protects the output when control FET is shorted
■ SOIC 8-Lead also available LEAD-FREE

APPLICATIONS
■ DDR memory source sink Vtt application
■ Low cost on-board DC to DC such as 5V to 3.3V, 2.5V or 1.8V
■ Graphic Card
■ Hard Disk Drive




Similar Part No. - IRF7460

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7460 IRF-IRF7460 Datasheet
121Kb / 8P
Power MOSFET(Vdss=20V, Id=12A)
IRF7460PBF IRF-IRF7460PBF Datasheet
180Kb / 8P
HEXFET Power MOSFET
More results


Similar Description - IRF7460

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3034 UNISEM-US3034 Datasheet
74Kb / 9P
8 PIN PWM SWITCHER CONTROLLER IC
logo
International Rectifier
IRU3072C IRF-IRU3072C Datasheet
332Kb / 24P
20-PIN SYNCHRONOUS PWM CONTROLLER/ 3 LDO CONTROLLER
IRU3137 IRF-IRU3137 Datasheet
169Kb / 19P
8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7037 ANPEC-APW7037 Datasheet
123Kb / 11P
8-PIN Synchronous Buck PWM Controller
APW7120 ANPEC-APW7120 Datasheet
807Kb / 20P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Advanced Power Electron...
APU3037 A-POWER-APU3037 Datasheet
199Kb / 18P
8-PIN SYNCHRONOUS PWM CONTROLLER
logo
Anpec Electronics Corop...
APW7120A ANPEC-APW7120A Datasheet
986Kb / 22P
5V to 12V Supply Voltage, 8-PIN, Synchronous Buck PWM Controller
logo
Advanced Power Electron...
APU3137 A-POWER-APU3137 Datasheet
184Kb / 17P
8-PIN SYNCHRONOUS PWM CONTROLLER
logo
International Rectifier
IRU3037CSPBF IRF-IRU3037CSPBF Datasheet
173Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRU3037CSTR IRF-IRU3037CSTR Datasheet
167Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com