Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7460 Datasheet (PDF) - International Rectifier

IRF7460 Datasheet PDF - International Rectifier
Part # IRF7460
Download  IRF7460 Download
File Size   121.25 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Id=12A)

IRF7460 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7460 Datasheet PDF - International Rectifier

Part # IRF7460
Download  IRF7460 Click to download

File Size   121.25 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=20V, Id=12A)

IRF7460 Datasheet (HTML) - International Rectifier


IRF7460 Product details

Benefits
• Ultra-Low Gate Impedance
• Very Low RDS(on)
• Fully Characterized Avalanche Voltage and Current

Applications
• High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
• High Frequency Buck Converters for Computer Processor Power




Similar Part No. - IRF7460

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7460 IRF-IRF7460 Datasheet
220Kb / 21P
8-PIN SYNCHRONOUS PWM CONTROLLER
IRF7460PBF IRF-IRF7460PBF Datasheet
180Kb / 8P
HEXFET Power MOSFET
More results


Similar Description - IRF7460

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1302 IRF-IRF1302 Datasheet
523Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=180A??
IRF1302S IRF-IRF1302S Datasheet
229Kb / 11P
Power MOSFET(Vdss=20V, Rds(on)=4.0mohm, Id=174A??
IRF7204 IRF-IRF7204 Datasheet
145Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.060ohm, Id=-5.3A)
IRF7413 IRF-IRF7413 Datasheet
123Kb / 8P
Power MOSFET(Vdss=30V, Id=12A)
IRF7459 IRF-IRF7459 Datasheet
112Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=12A)
IRF9Z24N IRF-IRF9Z24N Datasheet
109Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRF9Z24NS IRF-IRF9Z24NS Datasheet
168Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.175ohm, Id=-12A)
IRFP9240 IRF-IRFP9240 Datasheet
166Kb / 6P
Power MOSFET(Vdss=-200V, Rds(on)=0.50ohm, Id=-12A)
IRL3102 IRF-IRL3102 Datasheet
96Kb / 7P
Power MOSFET(Vdss=20V, Rds(on)=0.013ohm, Id=61A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com