Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2113 Datasheet (PDF) - IXYS Corporation

IX2113 Datasheet PDF - IXYS Corporation
Part # IX2113
Download  IX2113 Download
File Size   297.77 Kbytes
Page   13 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Outputs Capable of Sourcing and Sinking 2A

IX2113 Datasheet (PDF)

Go To PDF Page Download Datasheet
IX2113 Datasheet PDF - IXYS Corporation

Part # IX2113
Download  IX2113 Click to download

File Size   297.77 Kbytes
Page   13 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Outputs Capable of Sourcing and Sinking 2A

IX2113 Datasheet (HTML) - IXYS Corporation




Similar Part No. - IX2113

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX2120 IXYS-IX2120 Datasheet
263Kb / 13P
1200V High and Low Side
IX2120B IXYS-IX2120B Datasheet
263Kb / 13P
1200V High and Low Side
IX2120BTR IXYS-IX2120BTR Datasheet
263Kb / 13P
1200V High and Low Side
logo
Clare, Inc.
IX2127 CLARE-IX2127 Datasheet
1Mb / 11P
High-Voltage Power MOSFET & IGBT Driver
IX2127 CLARE-IX2127 Datasheet
1Mb / 12P
High-Voltage Power MOSFET & IGBT Driver
More results


Similar Description - IX2113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1917 MAXIM-MAX1917 Datasheet
336Kb / 18P
Tracking, Sinking and Sourcing, Synchronous Buck Controller for DDR Memory and Termination Supplies
Rev 1; 6/02
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380 Datasheet
407Kb / 12P
Half-Bridge Gate Driver (SOURCING/SINKING : 90mA/180mA)
logo
Micrel Semiconductor
MIC4103 MICREL-MIC4103 Datasheet
597Kb / 17P
100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
logo
Intersil Corporation
ISL88550A INTERSIL-ISL88550A Datasheet
789Kb / 25P
Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
April 23, 2008
logo
Micrel Semiconductor
MIC4103 MICREL-MIC4103_10 Datasheet
718Kb / 18P
100V Half Bridge MOSFET Drivers 3/2A Sinking/Sourcing Current
logo
Omron Electronics LLC
G6M1ADC12 OMRON-G6M1ADC12 Datasheet
372Kb / 6P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
G6D OMRON-G6D Datasheet
164Kb / 4P
Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
logo
Renesas Technology Corp
ISL88550A RENESAS-ISL88550A Datasheet
1Mb / 25P
Synchronous Step-Down Controller with Sourcing and Sinking LDO Regulator
logo
Honeywell Solid State E...
103SR13A-2 HONEYWELL-103SR13A-2 Datasheet
55Kb / 3P
Current sinking or current sourcing ouput
logo
Maxim Integrated Produc...
MAX17250EVKIT MAXIM-MAX17250EVKIT Datasheet
457Kb / 8P
Electronic load capable of 2A
Rev 0; 8/18
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com