Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2113 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IX2113
Description  Outputs Capable of Sourcing and Sinking 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2113 Datasheet(HTML) 5 Page - IXYS Corporation

  IX2113 Datasheet HTML 1Page - IXYS Corporation IX2113 Datasheet HTML 2Page - IXYS Corporation IX2113 Datasheet HTML 3Page - IXYS Corporation IX2113 Datasheet HTML 4Page - IXYS Corporation IX2113 Datasheet HTML 5Page - IXYS Corporation IX2113 Datasheet HTML 6Page - IXYS Corporation IX2113 Datasheet HTML 7Page - IXYS Corporation IX2113 Datasheet HTML 8Page - IXYS Corporation IX2113 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2113
R03
www.ixysic.com
5
1.7 Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD)=15V, CL=1000 pF, TA=25°C, and VSS=COM unless otherwise specified.
1.8 Static Electrical Characteristics
VBIAS (VCC, VBS, VDD)=15V, TA=25°C and VSS=COM unless otherwise specified. The VIN, VTH, and IIN parameters
are referenced to VSS and are applicable to all three logic input leads: HIN, LIN, and SD. The VO and IO parameters
are referenced to COM and are applicable to the respective output leads: HO or LO.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Turn-On propagation Delay
VS=0V
ton
-113
160
ns
Turn-Off propagation Delay
VS=600V
toff
-100
150
Shutdown propagation Delay
tSD
-94
160
Turn-On Rise Time
-
tr
-9.4
35
Turn-Off Fall Time
-
tf
-9.7
25
Delay Matching, HS & LS Turn-On/Off
-
MT
-
-
20
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Logic “1” Input Voltage
VDD=15V
VIH
9.5
-
-
V
Logic “0” Input Voltage
VIL
--
6
Logic “1” Input Voltage
VDD=3V
VIH
2.5
-
-
V
Logic “0” Input Voltage
VIL
--
0.8
High-Level Output Voltage, VBIAS-VO
IO=0A
VOH
-1.6
2.5
V
Low-Level Output Voltage, VO
IO=20mA
VOL
-
-
0.15
Offset Supply Leakage Current
VB=VS=600V
ILK
--
60
A
Quiescent VBS Supply Current
VIN=0V or VDD
IQBS
-187
310
Quiescent VCC Supply Current
VIN=0V or VDD
IQCC
-300
420
Quiescent VDD Supply Current
VIN=0V or VDD
IQDD
--
1
Logic “1” Input Bias Current
VIN=VDD
IIN+
-22
40
A
Logic “0” Input Bias Current
VIN=0V
IIN-
--
5
VBB Supply Undervoltage Positive Going Threshold
-
VBSUV+
7.5
8.4
9.7
V
VBB Supply Undervoltage Negative Going Threshold
-
VBSUV-
77.8
9.4
VCC Supply Undervoltage Positive Going Threshold
-
VCCUV+
7.4
8.4
9.6
VCC Supply Undervoltage Negative Going Threshold
-
VCCUV-
77.8
9.4
Output High Short Circuit Pulsed Current
VO=0V, VIN=VDD , PW10s
IO+
22.5
-
A
Output Low Short Circuit Pulsed Current
VO=15V, VIN=0V, PW10s
IO-
22.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com