Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2113 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IX2113
Description  Outputs Capable of Sourcing and Sinking 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2113 Datasheet(HTML) 6 Page - IXYS Corporation

Back Button IX2113 Datasheet HTML 2Page - IXYS Corporation IX2113 Datasheet HTML 3Page - IXYS Corporation IX2113 Datasheet HTML 4Page - IXYS Corporation IX2113 Datasheet HTML 5Page - IXYS Corporation IX2113 Datasheet HTML 6Page - IXYS Corporation IX2113 Datasheet HTML 7Page - IXYS Corporation IX2113 Datasheet HTML 8Page - IXYS Corporation IX2113 Datasheet HTML 9Page - IXYS Corporation IX2113 Datasheet HTML 10Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
6
www.ixysic.com
R03
IX2113
1.9 Test Waveforms
1.9.1 Switching Time Test Circuit
1.9.2 Input/Output Timing Diagram
1.9.3 Switching Time Waveform Definition
1.9.4 Shutdown Waveform Definitions
1.9.5 Delay Matching Waveform Definitions
HIN
SD
LIN
V
CC=15V
10
µF
0.1
µF
10
µF
0.1
µF
10
µF
C
L
C
L
HO
LO
(0 to 500V/600V)
V
B
V
S
15V
+
-
1
8
6
7
3
11
12
13
14
15
2
Note: Pin numbers shown
are for the SOIC package.
HIN
LIN
SD
HO
LO
HIN
LIN
HO
LO
50%
50%
90%
90%
10%
10%
t
on
t
r
t
off
t
f
SD
HO
LO
50%
90%
t
sd
HIN
LIN
LO
HO
50%
50%
10%
90%
MT
LO
HO
MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com